Electronic Components Datasheet Search
  English  ▼

X  

AT86RF231 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT86RF231
Description  Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT86RF231 Datasheet HTML 1Page - ATMEL Corporation AT86RF231 Datasheet HTML 2Page - ATMEL Corporation AT86RF231 Datasheet HTML 3Page - ATMEL Corporation AT86RF231 Datasheet HTML 4Page - ATMEL Corporation AT86RF231 Datasheet HTML 5Page - ATMEL Corporation AT86RF231 Datasheet HTML 6Page - ATMEL Corporation AT86RF231 Datasheet HTML 7Page - ATMEL Corporation AT86RF231 Datasheet HTML 8Page - ATMEL Corporation AT86RF231 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 180 page
background image
4
8111A–AVR–05/08
AT86RF231
29
AVDD
Supply
Regulated 1.8V voltage regulator; analog domain, see Section 9.4
30
AVSS
Ground
Analog ground
31
AVSS
Ground
Analog ground
32
AVSS
Ground
Analog ground
Paddle
AVSS
Ground
Analog ground; Exposed paddle of QFN package
Table 1-1.
Pin Description AT86RF231 (Continued)
Pins
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com