Electronic Components Datasheet Search
  English  ▼

X  

AT86RF231 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT86RF231
Description  Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT86RF231 Datasheet HTML 40Page - ATMEL Corporation AT86RF231 Datasheet HTML 41Page - ATMEL Corporation AT86RF231 Datasheet HTML 42Page - ATMEL Corporation AT86RF231 Datasheet HTML 43Page - ATMEL Corporation AT86RF231 Datasheet HTML 44Page - ATMEL Corporation AT86RF231 Datasheet HTML 45Page - ATMEL Corporation AT86RF231 Datasheet HTML 46Page - ATMEL Corporation AT86RF231 Datasheet HTML 47Page - ATMEL Corporation AT86RF231 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 180 page
background image
44
8111A–AVR–05/08
AT86RF231
7.1.5
Register Description
Register 0x01 (TRX_STATUS):
A read access to TRX_STATUS register signals the current radio transceiver state. A state
change is initiated by writing a state transition command to register bits TRX_CMD (register
0x02, TRX_STATE). Alternatively a state transition can be initiated by the rising edge of pin 11
(SLP_TR) in the appropriate state.
This register is used for Basic and Extended Operating Mode, refer to Section 7.2 “Extended
Operating Mode” on page 47.
• Bit 7 - CCA_DONE
Refer to Section 8.5 “Clear Channel Assessment (CCA)” on page 94.
• Bit 6 - CCA_STATUS
Refer to Section 8.5 “Clear Channel Assessment (CCA)” on page 94.
• Bit 5 - Reserved
• Bit [4:0] - TRX_STATUS
The register bits TRX_STATUS signals the current radio transceiver status. If the requested
sta t e
tra n sitio n
is
no t
com p let e d
ye t,
t h e
TRX_STATUS
re tur n s
STATE_TRANSITION_IN_PROGRESS. Do not try to initiate a further state change while the
radio transceiver is in STATE_TRANSITION_IN_PROGRESS. State transition timings are
defined in Table 7-1 on page 42.
Bit
7
6
5
4
3
2
1
0
+0x01
CCA_DONE
CCA_STATUS
Reserved
TRX_STATUS
TRX_STATUS
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com