Electronic Components Datasheet Search
  English  ▼

X  

LTC2452 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2452 Datasheet HTML 3Page - Linear Technology LTC2452 Datasheet HTML 4Page - Linear Technology LTC2452 Datasheet HTML 5Page - Linear Technology LTC2452 Datasheet HTML 6Page - Linear Technology LTC2452 Datasheet HTML 7Page - Linear Technology LTC2452 Datasheet HTML 8Page - Linear Technology LTC2452 Datasheet HTML 9Page - Linear Technology LTC2452 Datasheet HTML 10Page - Linear Technology LTC2452 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2452
7
2452fb
APPLICATIONS INFORMATION
CONVERTER OPERATION
Converter Operation Cycle
The LTC2452 is a low power, fully differential, delta-sigma
analog-to-digital converter with a simple 3-wire SPI in-
terface (see Figure 1). Its operation is composed of three
successive states: CONVERT, SLEEP and DATA OUTPUT.
The operating cycle begins with the CONVERT state, is
followed by the SLEEP state, and ends with the DATA OUT-
PUT state (see Figure 2). The 3-wire interface consists of
serial data output (SDO), serial clock input (SCK), and the
active low chip select input (CS).
The CONVERT state duration is determined by the LTC2452
conversion time (nominally 16.6 milliseconds). Once
started, this operation can not be aborted except by a low
power supply condition (VCC < 2.1V) which generates an
internal power-on reset signal.
After the completion of a conversion, the LTC2452 enters
the SLEEP state and remains there until both the chip
select and serial clock inputs are low (CS = SCK = LOW).
Following this condition, the ADC transitions into the DATA
OUTPUT state.
Figure 2. LTC2452 State Transition Diagram
While in the SLEEP state, whenever the chip select input
is pulled high (CS = HIGH), the LTC2452’s power supply
current is reduced to less than 200nA. When the chip select
input is pulled low (CS = LOW), and SCK is maintained
at a HIGH logic level, the LTC2452 will return to a normal
power consumption level. During the SLEEP state, the
result of the last conversion is held indefinitely in a static
register.
Upon entering the DATA OUTPUT state, SDO outputs the
sign (D15) of the conversion result. During this state,
the ADC shifts the conversion result serially through the
SDO output pin under the control of the SCK input pin.
There is no latency in generating this data and the result
corresponds to the last completed conversion. A new bit
of data appears at the SDO pin following each falling edge
detected at the SCK input pin and appears from MSB to
LSB. The user can reliably latch this data on every rising
edge of the external serial clock signal driving the SCK
pin (see Figure 3).
The DATA OUTPUT state concludes in one of two different
ways. First, the DATA OUTPUT state operation is completed
once all 16 data bits have been shifted out and the clock
then goes low. This corresponds to the 16th falling edge
of SCK. Second, the DATA OUTPUT state can be aborted
at any time by a LOW-to-HIGH transition on the CS input.
Following either one of these two actions, the LTC2452
will enter the CONVERT state and initiate a new conver-
sion cycle.
Power-Up Sequence
When the power supply voltage (VCC) applied to the con-
verter is below approximately 2.1V, the ADC performs a
power-on reset. This feature guarantees the integrity of
the conversion result.
When VCC rises above this critical threshold, the converter
generates an internal power-on reset (POR) signal for
approximately 0.5ms. The POR signal clears all internal
registers. Following the POR signal, the LTC2452 starts a
conversioncycleandfollowsthesuccessionofstatesshown
in Figure 2. The first conversion result following POR is
accurate within the specifications of the device if the power
supply voltage VCC is restored within the operating range
(2.7V to 5.5V) before the end of the POR time interval.
DATA OUTPUT
SLEEP
CONVERT
POWER-ON RESET
YES
2452 F02
16TH FALLING
EDGE OF SCK
OR
CS = HIGH?
SCK = LOW
AND
CS = LOW?
NO
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com