Electronic Components Datasheet Search
  English  ▼

X  

LTC2452 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2452 Datasheet HTML 5Page - Linear Technology LTC2452 Datasheet HTML 6Page - Linear Technology LTC2452 Datasheet HTML 7Page - Linear Technology LTC2452 Datasheet HTML 8Page - Linear Technology LTC2452 Datasheet HTML 9Page - Linear Technology LTC2452 Datasheet HTML 10Page - Linear Technology LTC2452 Datasheet HTML 11Page - Linear Technology LTC2452 Datasheet HTML 12Page - Linear Technology LTC2452 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2452
9
2452fb
APPLICATIONS INFORMATION
Figure 4. Data Output Timing
D15
LSB
SDO
SCK
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D0
D1
2452 F04
t1
t3
tKQ
tlSCK
thSCK
t2
CS
MSB
During the data output operation the CS input pin must
be pulled low (CS = LOW). The data output process starts
with the most significant bit of the result being present
at the SDO output pin (SDO = D15) once CS goes low.
A new data bit appears at the SDO output pin after each
falling edge detected at the SCK input pin. The output
data can be reliably latched by the user using the rising
edge of SCK.
Conversion Status Monitor
For certain applications, the user may wish to monitor
the LTC2452 conversion status. This can be achieved
by holding SCK HIGH during the conversion cycle. In
this condition, whenever the CS input pin is pulled low
(CS = LOW), the SDO output pin will provide an indication
of the conversion status. SDO = HIGH is an indication of
a conversion cycle in progress while SDO = LOW is an
indication of a completed conversion cycle. An example
of such a sequence is shown in Figure 5.
Conversion status monitoring, while possible, is not re-
quired for LTC2452 as its conversion time is fixed and equal
at approximately 16.6ms (23ms maximum). Therefore,
external timing can be used to determine the completion of a
conversion cycle.
SERIAL INTERFACE
The LTC2452 transmits the conversion result and receives
the start of conversion command through a synchronous
3-wire interface. This interface can be used during the
CONVERT and SLEEP states to assess the conversion
status and during the DATA OUTPUT state to read the
conversion result, and to trigger a new conversion.
Figure 5. Conversion Status Monitoring Mode
SLEEP
t1
t2
SDO
SCK = HIGH
CONVERT
2452 F05
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com