Electronic Components Datasheet Search
  English  ▼

X  

LTC2452 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2452 Datasheet HTML 12Page - Linear Technology LTC2452 Datasheet HTML 13Page - Linear Technology LTC2452 Datasheet HTML 14Page - Linear Technology LTC2452 Datasheet HTML 15Page - Linear Technology LTC2452 Datasheet HTML 16Page - Linear Technology LTC2452 Datasheet HTML 17Page - Linear Technology LTC2452 Datasheet HTML 18Page - Linear Technology LTC2452 Datasheet HTML 19Page - Linear Technology LTC2452 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC2452
16
2452fb
APPLICATIONS INFORMATION
Figure 17 shows the measured LTC2452 INL vs Input
Voltage as a function of RS value with an input capacitor
CIN = 0.1μF.
In some cases, RScanbeincreasedabovetheseguidelines.
The input current is zero when the ADC is either in sleep
or I/O modes. Thus, if the time constant of the input RC
circuit
τ = RS • CIN, is of the same order of magnitude or
longer than the time periods between actual conversions,
then one can consider the input current to be reduced
correspondingly.
These considerations need to be balanced out by the input
signal bandwidth. The 3dB bandwidth ≈ 1/(2
πRSCIN).
Finally, if the recommended choice for CIN is unacceptable
for the user’s specific application, an alternate strategy is to
eliminate CIN and minimize CPAR and RS. In practical terms,
this configuration corresponds to a low impedance sensor
directly connected to the ADC through minimum length
traces. Actual applications include current measurements
through low value sense resistors, temperature measure-
ments, low impedance voltage source monitoring, and so
on. The resultant INL vs VIN is shown in Figure 18. The
measurements of Figure 18 include a capacitor CPAR cor-
responding to a minimum sized layout pad and a minimum
width input trace of about 1 inch length.
Figure 17. Measured INL vs Input Voltage,
CIN = 0.1μF, VCC = 5V, TA = 25°C
Figure 18. Measured INL vs Input Voltage,
CIN = 0, VCC = 5V, TA = 25°C
DIFFERENTIAL INPUT VOLTAGE (V)
–5
2
6
10
3
2452 F17
–2
–6
0
4
8
–4
–8
–10
–3
–4
–1
–2
12
4
0
5
RS = 10k
RS = 2k
RS = 1k
RS = 0
CIN = 0.1μF
VCC = 5V
TA = 25°C
DIFFERENTIAL INPUT VOLTAGE (V)
–5
2
6
10
3
2452 F18
–2
–6
0
4
8
–4
–8
–10
–3
–4
–1
–2
12
4
0
5
RS = 10k
RS = 1k, 2k
RS = 0
CIN = 0
VCC = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com