Electronic Components Datasheet Search
  English  ▼

X  

LTC2452 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2452 Datasheet HTML 6Page - Linear Technology LTC2452 Datasheet HTML 7Page - Linear Technology LTC2452 Datasheet HTML 8Page - Linear Technology LTC2452 Datasheet HTML 9Page - Linear Technology LTC2452 Datasheet HTML 10Page - Linear Technology LTC2452 Datasheet HTML 11Page - Linear Technology LTC2452 Datasheet HTML 12Page - Linear Technology LTC2452 Datasheet HTML 13Page - Linear Technology LTC2452 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2452
10
2452fb
APPLICATIONS INFORMATION
Serial Interface Operation Modes
The modes of operation can be summarized as follows:
1) The LTC2452 functions with SCK idle high (commonly
known as CPOL = 1) or idle low (commonly known as
CPOL = 0).
2) After the 16th bit is read, the user can choose one of
two ways to begin a new conversion. First, one can
pull CS high (CS =
↑). Second, one can use a high-low
transition on SCK (SCK =
↓).
3) At any time during the Data Output state, pulling CS
high (CS =
↑) causes the part to leave the I/O state,
abort the output and begin a new conversion.
4) When SCK = HIGH, it is possible to monitor the conver-
sion status by pulling CS low and watching for SDO to
go low. This feature is available only in the idle-high
(CPOL = 1) mode.
Serial Clock Idle-High (CPOL = 1) Examples
In Figure 6, following a conversion cycle the LTC2452
automatically enters the low power sleep mode. The user
can monitor the conversion status at convenient intervals
using CS and SDO.
Pulling CS LOW while SCK is HIGH tests whether or not
the chip is in the CONVERT state. While in the CONVERT
state, SDO is HIGH while CS is LOW. In the SLEEP state,
SDO is LOW while CS is LOW. These tests are not required
operational steps but may be useful for some applications.
When the data is available, the user applies 16 clock cycles
to transfer the result. The CS rising edge is then used to
initiate a new conversion.
The operation example of Figure 7 is identical to that of
Figure 6, except the new conversion cycle is triggered by
the falling edge of the serial clock (SCK). A 17th clock
pulse is used to trigger a new conversion cycle.
Figure 6. Idle-High (CPOL = 1) Serial Clock Operation Example.
The Rising Edge of CS Starts a New Conversion
Figure 7. Idle-High (CPOL = 1) Clock Operation Example.
A 17th Clock Pulse is Used to Trigger a New Conversion Cycle
D15
clk1
clk2
clk3
clk4
clk15
clk16
D14
D13
D12
D2
D1
D0
SD0
SCK
CONVERT
CONVERT
SLEEP
DATA OUTPUT
2452 F06
CS
D15
D14
D13
D12
D2
D1
D0
SD0
clk1
clk2
clk3
clk4
clk15
clk16
clk17
SCK
CONVERT
CONVERT
SLEEP
DATA OUTPUT
2452 F07
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com