Electronic Components Datasheet Search
  English  ▼

X  

LTC2452 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 5 Page - Linear Technology

  LTC2452 Datasheet HTML 1Page - Linear Technology LTC2452 Datasheet HTML 2Page - Linear Technology LTC2452 Datasheet HTML 3Page - Linear Technology LTC2452 Datasheet HTML 4Page - Linear Technology LTC2452 Datasheet HTML 5Page - Linear Technology LTC2452 Datasheet HTML 6Page - Linear Technology LTC2452 Datasheet HTML 7Page - Linear Technology LTC2452 Datasheet HTML 8Page - Linear Technology LTC2452 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2452
5
2452fb
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Error vs Temperature
Gain Error vs Temperature
Transition Noise vs Temperature
Conversion Mode Power Supply
Current vs Temperature
Sleep Mode Power Supply
Current vs Temperature
Average Power Dissipation
vs Temperature, VCC = 3V
Power Supply Rejection
vs Frequency at VCC
Conversion Time vs Temperature
(TA = 25°C, unless otherwise noted)
TEMPERATURE (°C)
–50
1
5
2452 G04
–1
0
2
3
4
–2
–3
–4
–5
–25
25
50
75
0
100
VCC = VREF = 5V
VCC = VREF = 4.1V
VCC = VREF = 3V
TEMPERATURE (°C)
–50
1
5
2452 G05
–1
0
2
3
4
–2
–3
–4
–5
–25
25
50
75
0
100
VCC = VREF = 5V
VCC = VREF = 4.1V
VCC = VREF = 3V
TEMPERATURE (°C)
–50
6
10
2452 G06
4
5
7
8
9
3
2
1
0
–25
25
50
75
0
100
VCC = 5V
VCC = 3V
TEMPERATURE (°C)
–50
900
2452 G07
400
500
600
700
800
300
200
100
0
–25
25
50
75
0
100
VCC = 5V
VCC = 3V
VCC = 4.1V
TEMPERATURE (°C)
–50
250
2452 G08
150
200
100
50
0
–25
25
50
75
0
100
VCC = 5V
VCC = 3V
VCC = 4.1V
TEMPERATURE (°C)
–50
10000
2452 G09
1000
100
10
0
–25
25
50
75
0
100
25Hz OUTPUT SAMPLE RATE
10Hz OUTPUT SAMPLE RATE
1Hz OUTPUT SAMPLE RATE
FREQUENCY AT VCC (Hz)
1
0
2452 G10
–20
–40
–60
–80
–100
–120
10
1k
10k
100k
1M
100
10M
TEMPERATURE (°C)
–50
21
2452 G11
20
16
17
18
19
15
14
–25
25
50
75
0
100
VCC = 5V, 4.1V, 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com