Electronic Components Datasheet Search
  English  ▼

X  

LTC2452 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2452 Datasheet HTML 11Page - Linear Technology LTC2452 Datasheet HTML 12Page - Linear Technology LTC2452 Datasheet HTML 13Page - Linear Technology LTC2452 Datasheet HTML 14Page - Linear Technology LTC2452 Datasheet HTML 15Page - Linear Technology LTC2452 Datasheet HTML 16Page - Linear Technology LTC2452 Datasheet HTML 17Page - Linear Technology LTC2452 Datasheet HTML 18Page - Linear Technology LTC2452 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC2452
15
2452fb
APPLICATIONS INFORMATION
The LT6660 reference is an ideal match for driving the
LTC2452’s REF pin. The LTC6660 is available in a 2mm
×
2mm DFN package with 2.5V, 3V, 3.3V and 5V options.
A 0.1μF, high quality, ceramic capacitor in parallel with a
10μF ceramic capacitor should be connected between the
REF and GND pins, as close as possible to the package. The
0.1μF capacitor should be placed closest to the ADC.
Driving VIN+ and VIN–
The input drive requirements can best be analyzed using
the equivalent circuit of Figure 16. The input signal VSIG is
connected to the ADC input pins (IN+ and IN–) through an
equivalent source resistance RS.Thisresistorincludesboth
the actual generator source resistance and any additional
optional resistors connected to the input pins. Optional
input capacitors CIN are also connected to the ADC input
pins. This capacitor is placed in parallel with the ADC
input parasitic capacitance CPAR. Depending on the PCB
layout, CPAR has typical values between 2pF and 15pF. In
addition, the equivalent circuit of Figure 16 includes the
converter equivalent internal resistor RSW and sampling
capacitor CEQ.
Figure 16. LTC2452 Input Drive Equivalent Circuit
There are some immediate trade-offs in RS and CIN without
needing a full circuit analysis. Increasing RS and CIN can
give the following benefits:
1) Due to the LTC2452’s input sampling algorithm, the input
current drawn by either VIN+ or VIN– over a conversion
cycle is typically 50nA. A high RS • CIN attenuates the
high frequency components of the input current, and
RS values up to 1k result in <1LSB error.
2) The bandwidth from VSIG is reduced at the input pins
(IN+, IN–). This bandwidth reduction isolates the ADC
from high frequency signals, and as such provides
simple antialiasing and input noise reduction.
3) Switching transients generated by the ADC are attenu-
ated before they go back to the signal source.
4) A large CIN gives a better AC ground at the input pins,
helping reduce reflections back to the signal source.
5) Increasing RS protects the ADC by limiting the current
during an outside-the-rails fault condition.
There is a limit to how large RS • CIN should be for a given
application. Increasing RS beyond a given point increases
the voltage drop across RS due to the input current,
to the point that significant measurement errors exist.
Additionally, for some applications, increasing the RS• CIN
product too much may unacceptably attenuate the signal
at frequencies of interest.
For most applications, it is desirable to implement CIN as
a high-quality 0.1μF ceramic capacitor and RS ≤ 1k. This
capacitor should be located as close as possible to the
actual VINpackagepin.Furthermore,theareaencompassed
by this circuit path, as well as the path length, should be
minimized.
In the case of a 2-wire sensor that is not remotely
grounded, it is desirable to split RS and place series
resistors in the ADC input line as well as in the sensor
ground return line, which should be tied to the ADC GND
pin using a star connection topology.
ILEAK
ILEAK
RSW
15k
(TYP)
ICONV
CIN
IN+
VCC
SIG+
SIG–
RS
CEQ
0.35pF
(TYP)
CPAR
+
–
2452 F16
ILEAK
ILEAK
RSW
15k
(TYP)
ICONV
CIN
IN–
VCC
RS
CEQ
0.35pF
(TYP)
CPAR
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com