Electronic Components Datasheet Search
  English  ▼

X  

LTC2452 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 1 Page - Linear Technology

  LTC2452 Datasheet HTML 1Page - Linear Technology LTC2452 Datasheet HTML 2Page - Linear Technology LTC2452 Datasheet HTML 3Page - Linear Technology LTC2452 Datasheet HTML 4Page - Linear Technology LTC2452 Datasheet HTML 5Page - Linear Technology LTC2452 Datasheet HTML 6Page - Linear Technology LTC2452 Datasheet HTML 7Page - Linear Technology LTC2452 Datasheet HTML 8Page - Linear Technology LTC2452 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2452
1
2452fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Ultra-Tiny, Differential, 16-Bit
ΔΣ ADC with SPI Interface
The LTC®2452 is an ultra-tiny, fully differential, 16-bit,
analog-to-digital converter. The LTC2452 uses a single
2.7V to 5.5V supply and communicates through an SPI
interface. The ADC is available in an 8-pin, 3mm × 2mm
DFN package or TSOT-23 package. It includes an integrated
oscillator that does not require any external components.
It uses a delta-sigma modulator as a converter core and
has no latency for multiplexed applications. The LTC2452
includes a proprietary input sampling scheme that reduces
the average input sampling current several orders of
magnitude when compared to conventional delta-sigma
converters. Additionally, due to its architecture, there is
negligible current leakage between the input pins.
The LTC2452 can sample at 60 conversions per second,
and due to the very large oversampling ratio, has extremely
relaxed antialiasing requirements. The LTC2452 includes
continuous internal offset and full-scale calibration algo-
rithms which are transparent to the user, ensuring accuracy
over time and over the operating temperature range. The
converter has an external REF pin and the differential input
voltage range can extend up to ±VREF.
Following a single conversion, the LTC2452 can automati-
cally enter a sleep mode and reduce its supply current to
less than 0.2μA. If the user reads the ADC once a second,
the LTC2452 consumes an average of less than 50μW
from a 2.7V supply.
Integral Nonlinearity, VCC = 3V
n ±VCC Differential Input Range
n 16-Bit Resolution (Including Sign), No Missing
Codes
n 2LSB Offset Error
n 4LSB Full-Scale Error
n 60 Conversions Per Second
n Single Conversion Settling Time for Multiplexed
Applications
n Single-Cycle Operation with Auto Shutdown
n 800μA Supply Current
n 0.2μA Sleep Current
n Internal Oscillator—No External Components
Required
n SPI Interface
n Ultra-Tiny 3mm × 2mm DFN and TSOT-23 Packages
n System Monitoring
n Environmental Monitoring
n Direct Temperature Measurements
n Instrumentation
n Industrial Process Control
n Data Acquisition
n Embedded ADC Upgrades
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6208279, 6411242, 7088280, 7164378.
DIFFERENTIAL INPUT VOLTAGE (V)
–3
1
3
2452 TA01b
–1
0
2
–2
–3
–1
–2
12
0
3
TA = –45°C, 25°C, 90°C
10k
10k
10k
R
CS
3-WIRE SPI
INTERFACE
SCK
SDO
0.1μF
0.1μF
10μF
2.7V TO 5.5V
0.1μF
IN+
REF
VCC
GND
IN–
LTC2452
2452 TA01a


Similar Part No. - LTC2452

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2452 LINER-LTC2452 Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2452 LINER-LTC2452 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2452 LINER-LTC2452 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2452 LINER-LTC2452_11 Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2452 LINER-LTC2452_15 Datasheet
484Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface
More results

Similar Description - LTC2452

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2450-1 LINER-LTC2450-1 Datasheet
206Kb / 20P
Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2453 LINER-LTC2453 Datasheet
290Kb / 16P
Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2451 LINER-LTC2451 Datasheet
223Kb / 16P
Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
Ultra-Tiny, 16-Bit DS ADC with I2C Interface
LTC2453 LINER-LTC2453_1 Datasheet
200Kb / 18P
Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
LTC2460 LINER-LTC2460 Datasheet
239Kb / 20P
Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
LTC2452 LINER-LTC2452_11 Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2451 LINER-LTC2451_15 Datasheet
1Mb / 20P
Ultra-Tiny, 16-Bit ADC with I2C Interface
LTC2450-1 LINER-LTC2450-1_15 Datasheet
208Kb / 20P
Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2452 LINER-LTC2452_15 Datasheet
484Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com