Electronic Components Datasheet Search
  English  ▼

X  

LTC2452 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2452 Datasheet HTML 7Page - Linear Technology LTC2452 Datasheet HTML 8Page - Linear Technology LTC2452 Datasheet HTML 9Page - Linear Technology LTC2452 Datasheet HTML 10Page - Linear Technology LTC2452 Datasheet HTML 11Page - Linear Technology LTC2452 Datasheet HTML 12Page - Linear Technology LTC2452 Datasheet HTML 13Page - Linear Technology LTC2452 Datasheet HTML 14Page - Linear Technology LTC2452 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2452
11
2452fb
APPLICATIONS INFORMATION
Serial Clock Idle-Low (CPOL = 0) Examples
In Figure 8, following a conversion cycle the LTC2452
automatically enters the low-power sleep state. The user
determines data availability (and the end of conversion)
based upon external timing. The user then pulls CS low
(CS =
↓) and uses 16 clock cycles to transfer the result.
Following the 16th rising edge of the clock, CS is pulled high
(CS =
↑), which triggers a new conversion.
The timing diagram in Figure 9 is identical to that of Figure 8,
except in this case a new conversion is triggered by SCK.
The 16th SCK falling edge triggers a new conversion cycle
and the CS signal is subsequently pulled high.
Examples of Aborting Cycle using CS
For some applications, the user may wish to abort the I/O
cycle and begin a new conversion. If the LTC2452 is in
the data output state, a CS rising edge clears the remain-
ing data bits from the output registers, aborts the output
cycle and triggers a new conversion. Figure 10 shows
an example of aborting an I/O with idle-high (CPOL = 1)
and Figure 11 shows an example of aborting an I/O with
idle-low (CPOL = 0).
A new conversion cycle can be triggered using the CS
signal without having to generate any serial clock pulses
as shown in Figure 12. If SCK is maintained at a low logic
level, after the end of a conversion cycle, a new conver-
Figure 9. Idle-Low (CPOL = 0) Clock. The 16th SCK Falling Edge Triggers a New Conversion
Figure 8. Idle-Low (CPOL = 0) Clock. CS Triggers a New Conversion
D15
D14
D13
D12
D2
D1
D0
clk1
clk2
clk3
clk4 clk14
clk15
clk16
SCK
SD0
CONVERT
CONVERT
SLEEP
DATA OUTPUT
2452 F08
CS
D15
D14
D13
D12
D2
D1
D0
SD0
clk1
clk2
clk3
clk4
clk15
clk14
clk16
SCK
CONVERT
CONVERT
SLEEP
DATA OUTPUT
2452 F09
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com