Electronic Components Datasheet Search
  English  ▼

X  

LTC2452 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2452 Datasheet HTML 12Page - Linear Technology LTC2452 Datasheet HTML 13Page - Linear Technology LTC2452 Datasheet HTML 14Page - Linear Technology LTC2452 Datasheet HTML 15Page - Linear Technology LTC2452 Datasheet HTML 16Page - Linear Technology LTC2452 Datasheet HTML 17Page - Linear Technology LTC2452 Datasheet HTML 18Page - Linear Technology LTC2452 Datasheet HTML 19Page - Linear Technology LTC2452 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC2452
17
2452fb
APPLICATIONS INFORMATION
Signal Bandwidth, Transition Noise and Noise
Equivalent Input Bandwidth
The LTC2452 includes a sinc1 type digital filter with the first
notch located at f0 = 60Hz. As such, the 3dB input signal
bandwidth is 26.54Hz. The calculated LTC2452 input signal
attenuation vs frequency over a wide frequency range is
shown in Figure 19. The calculated LTC2452 input signal
attenuation vs frequency at low frequencies is shown in
Figure 20. The converter noise level is about 2.2μVRMS
and can be modeled by a white noise source connected
at the input of a noise-free converter.
On a related note, the LTC2452 uses two separate A/D
converters to digitize the positive and negative inputs.
Each of these A/D converters has 2.2μVRMS transition
noise. If one of the input voltages is within this small
transition noise band, then the output will fluctuate one
bit, regardless of the value of the other input voltage. If
both of the input voltages are within their transition noise
bands, the output can fluctuate 2 bits.
For a simple system noise analysis, the VIN drive circuit can
be modeled as a single-pole equivalent circuit character-
ized by a pole location fi and a noise spectral density ni.
If the converter has an unlimited bandwidth, or at least a
bandwidth substantially larger than fi, then the total noise
contribution of the external drive circuit would be:
V
n = ni
π /2• f
i
Then, the total system noise level can be estimated as
the square root of the sum of (Vn2) and the square of the
LTC2452 noise floor (~2.2μV2).
Figure 19. LTC2452 Input Signal Attentuation vs Frequency
Figure 20. LTC2452 Input Signal Attenuation
vs Frequency (Low Frequencies)
INPUT SIGNAL FREQUENCY (MHz)
0
–40
0
1.00
1.25
1.50
2452 F19
–60
–80
–20
–100
2.5
5.0
7.5
INPUT SIGNAL FREQUENCY (Hz)
0
–20
–10
0
480
2452 F20
–30
–40
–25
–15
–5
–35
–45
–50
120
60
240
180
360 420
540
300
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com