Electronic Components Datasheet Search
  English  ▼

X  

LTC2488IDE Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2488IDE
Description  16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2488IDE Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2488IDE Datasheet HTML 4Page - Linear Technology LTC2488IDE Datasheet HTML 5Page - Linear Technology LTC2488IDE Datasheet HTML 6Page - Linear Technology LTC2488IDE Datasheet HTML 7Page - Linear Technology LTC2488IDE Datasheet HTML 8Page - Linear Technology LTC2488IDE Datasheet HTML 9Page - Linear Technology LTC2488IDE Datasheet HTML 10Page - Linear Technology LTC2488IDE Datasheet HTML 11Page - Linear Technology LTC2488IDE Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC2488
8
2488f
PIN FUNCTIONS
FO(Pin1):FrequencyControlPin.Digitalinputthatcontrols
the internal conversion clock rate. When FO is connected to
ground, the converter uses its internal oscillator running at
307.2kHz. The conversion clock may also be overridden by
driving the FO pin with an external clock in order to change
the output rate and the digital filter rejection null.
SDI (Pin 2): Serial Data Input. This pin is used to select the
input channel. The serial data input is applied under control
of the serial clock (SCK) during the data output/input opera-
tion. The first conversion following a new input is valid.
SCK (Pin 3): Bidirectional, Digital I/O, Clock Pin. In Internal
Serial Clock Operation mode, SCK is generated internally
and is seen as an output on the SCK pin. In External Serial
Clock Operation mode, the digital I/O clock is externally
applied to the SCK pin. The Serial Clock operation mode
is determined by the logic level applied to the SCK pin at
power up and during the most recent falling edge of ⎯C⎯S.
⎯C⎯S(Pin4):ActiveLOWChipSelect.ALOWonthispinenables
thedigitalinput/outputandwakesuptheADC.Followingeach
conversion, the ADC automatically enters the Sleep mode
and remains in this low power state as long as ⎯C⎯S is HIGH.
A LOW-to-HIGH transition on ⎯C⎯S during the data output
aborts the data transfer and starts a new conversion.
SDO (Pin 5): Three-State Digital Output. During the data
output period, this pin is used as the serial data output.
When the chip select pin is HIGH, the SDO pin is in a high
impedance state. During the conversion and sleep periods,
this pin is used as the conversion status output. When
the conversion is in progress this pin is HIGH; once the
conversion is complete SDO goes low. The conversion
status is monitored by pulling ⎯C⎯S LOW.
GND (Pin 6): Ground. Connect this pin to a common ground
plane through a low impedance connection.
COM (Pin 7): The common negative input (IN–) for all
single ended multiplexer configurations. The voltage on
CH0 to CH3 and COM pins can have any value between
GND – 0.3V to VCC + 0.3V. Within these limits, the two
selected inputs (IN+ and IN–) provide a bipolar input range
(VIN = IN
+ – IN–) from –0.5 • VREF to 0.5 • VREF. Outside
this input range, the converter produces unique over-range
and under-range output codes.
CH0 to CH3 (Pins 8-11): Analog Inputs. May be pro-
grammed for single-ended or differential mode.
VCC (Pin 12): Positive Supply Voltage. Bypass to GND with
a 10µF tantalum capacitor in parallel with a 0.1µF ceramic
capacitor as close to the part as possible.
REF+ (Pin 13), REF– (Pin 14): Differential Reference Input.
The voltage on these pins can have any value between
GND and VCC as long as the reference positive input, REF
+,
remains more positive than the negative reference input,
REF–, by at least 0.1V. The differential voltage (VREF = REF
+
– REF–) sets the fullscale range for all input channels.
Exposed Pad (Pin 15): Ground. This pin is ground and
must be soldered to the PCB ground plane. For prototyping
purposes, this pin may remain floating.
FUNCTIONAL BLOCK DIAGRAM
AUTOCALIBRATION
AND CONTROL
DIFFERENTIAL
3RD ORDER
∆Σ MODULATOR
DECIMATING FIR
ADDRESS
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
GND
VCC
CH0
CH1
CH2
CH3
COM
MUX
IN+
IN–
SDO
SCK
REF+
REF –
CS
SDI
FO
(INT/EXT)
2488 BD
+
–
Figure 1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com