Electronic Components Datasheet Search
  English  ▼

X  

LTC2488IDE Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2488IDE
Description  16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2488IDE Datasheet(HTML) 4 Page - Linear Technology

  LTC2488IDE Datasheet HTML 1Page - Linear Technology LTC2488IDE Datasheet HTML 2Page - Linear Technology LTC2488IDE Datasheet HTML 3Page - Linear Technology LTC2488IDE Datasheet HTML 4Page - Linear Technology LTC2488IDE Datasheet HTML 5Page - Linear Technology LTC2488IDE Datasheet HTML 6Page - Linear Technology LTC2488IDE Datasheet HTML 7Page - Linear Technology LTC2488IDE Datasheet HTML 8Page - Linear Technology LTC2488IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2488
4
2488f
DIGITAL INPUTS AND DIGITAL OUTPUTS The ● denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage (⎯C⎯S, FO, SDI)
2.7V ≤ VCC ≤ 5.5V
●
VCC – 0.5
V
VIL
Low Level Input Voltage (⎯C⎯S, FO, SDI)
2.7V ≤ VCC ≤ 5.5V
●
0.5
V
VIH
High Level Input Voltage (SCK)
2.7V ≤ VCC ≤ 5.5V (Notes 10, 15)
●
VCC – 0.5
V
VIL
Low Level Input Voltage (SCK)
2.7V ≤ VCC ≤ 5.5V (Notes 10, 15)
●
0.5
V
IIN
Digital Input Current (⎯C⎯S, FO, SDI)
0V ≤ VIN ≤ VCC
●
–10
10
µA
IIN
Digital Input Current (SCK)
0V ≤ VIN ≤ VCC (Notes 10, 15)
●
–10
10
µA
CIN
Digital Input Capacitance (⎯C⎯S, FO, SDI)
10
pF
CIN
Digital Input Capacitance (SCK)
(Notes 10, 15)
10
pF
VOH
High Level Output Voltage (SDO)
IO = –800µA
●
VCC – 0.5
V
VOL
Low Level Output Voltage (SDO)
IO = 1.6mA
●
0.4
V
VOH
High Level Output Voltage (SCK)
IO = –800µA (Notes 10, 17)
●
VCC – 0.5
V
VOL
Low Level Output Voltage (SCK)
IO = 1.6mA (Notes 10, 17)
●
0.4
V
IOZ
Hi-Z Output Leakage (SDO)
●
–10
10
µA
POWER REQUIREMENTS The ● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
●
2.7
5.5
V
ICC
Supply Current
Conversion Current (Note 12)
Sleep Mode (Note 12)
●
●
160
1
275
2
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com