Electronic Components Datasheet Search
  English  ▼

X  

LTC2488IDE Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2488IDE
Description  16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2488IDE Datasheet(HTML) 5 Page - Linear Technology

  LTC2488IDE Datasheet HTML 1Page - Linear Technology LTC2488IDE Datasheet HTML 2Page - Linear Technology LTC2488IDE Datasheet HTML 3Page - Linear Technology LTC2488IDE Datasheet HTML 4Page - Linear Technology LTC2488IDE Datasheet HTML 5Page - Linear Technology LTC2488IDE Datasheet HTML 6Page - Linear Technology LTC2488IDE Datasheet HTML 7Page - Linear Technology LTC2488IDE Datasheet HTML 8Page - Linear Technology LTC2488IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC2488
5
2488f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fEOSC
External Oscillator Frequency Range
(Note 16)
●
10
4000
kHz
tHEO
External Oscillator High Period
●
0.125
100
µs
tLEO
External Oscillator Low Period
●
0.125
100
µs
tCONV
Conversion Time
Simultaneous 50Hz/60Hz
External Oscillator
●
144.1
146.9
41036/fEOSC (in kHz)
149.9
ms
ms
fISCK
Internal SCK Frequency
Internal Oscillator (Notes 10, 17)
External Oscillator (Notes 10, 11, 15)
38.4
fEOSC/8
kHz
kHz
DISCK
Internal SCK Duty Cycle
(Notes 10, 17)
●
45
55
%
fESCK
External SCK Frequency Range
(Notes 10, 11, 15)
●
4000
kHz
tLESCK
External SCK Low Period
(Notes 10, 11, 15)
●
125
ns
tHESCK
External SCK High Period
(Notes 10, 11, 15)
●
125
ns
tDOUT_ISCK
Internal SCK 24-Bit Data Output Time
Internal Oscillator (Notes 10, 17)
External Oscillator (Notes 10, 11, 15)
●
0.61
0.625
192/fEOSC (in kHz)
0.64
ms
ms
tDOUT_ESCK
External SCK 24-Bit Data Output Time
24/fESCK (in kHz)
ms
t1
⎯C⎯S↓ to SDO Low
●
0
200
ns
t2
⎯C⎯S↑ to SDO High Z
●
0
200
ns
t3
⎯C⎯S↓ to SCK↓
Internal SCK Mode
●
0
200
ns
t4
⎯C⎯S↓ to SCK↑
External SCK Mode
●
50
ns
tKQMAX
SCK↓ to SDO Valid
●
200
ns
tKQMIN
SDO Hold After SCK↓
(Note 5)
●
15
ns
t5
SCK Set-Up Before ⎯C⎯S↓
●
50
ns
t7
SDI Setup Before SCK↑
(Note 5)
●
100
ns
t8
SDI Hold After SCK↑
(Note 5)
●
100
ns
DIGITAL INPUTS AND DIGITAL OUTPUTS The ● denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: Unless otherwise specified:
VCC = 2.7V to 5.5V
VREFCM = VREF/2, FS = 0.5VREF
VIN = IN
+ – IN–, VIN(CM) = (IN+ – IN–)/2,
where IN+ and IN– are the selected input channels.
Note 4: Use internal conversion clock or external conversion clock source
with fEOSC = 307.2kHz unless other wise specified.
Note 5: Guaranteed by design, not subject to test.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: fEOSC = 256kHz ±2% (external oscillator).
Note 8: fEOSC = 307.2kHz ±2% (external oscillator).
Note 9: Simultaneous 50Hz/60Hz (internal oscillator) or fEOSC = 280kHz
±2% (external oscillator).
Note 10: The SCK can be configured in external SCK mode or internal SCK
mode. In external SCK mode, the SCK pin is used as a digital input and the
driving clock is fESCK. In the internal SCK mode, the SCK pin is used as a
digital output and the output clock signal during the data output is fISCK.
Note 11: The external oscillator is connected to the FO pin. The external
oscillator frequency, fEOSC, is expressed in kHz.
Note 12: The converter uses its internal oscillator.
Note 13: The output noise includes the contribution of the internal
calibration operations. VREF ≤ VCC.
Note 14: Guaranteed by design and test correlation.
Note 15: The converter is in external SCK mode of operation such that the
SCK pin is used as a digital input. The frequency of the clock signal driving
SCK during the data output is fESCK and is expressed in Hz.
Note 16: Refer to Applications Information section for performance vs
data rate graphs.
Note 17: The converter in internal SCK mode of operation such that the
SCK pin is used as a digital output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com