Electronic Components Datasheet Search
  English  ▼

X  

LTC2488IDE Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2488IDE
Description  16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2488IDE Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2488IDE Datasheet HTML 8Page - Linear Technology LTC2488IDE Datasheet HTML 9Page - Linear Technology LTC2488IDE Datasheet HTML 10Page - Linear Technology LTC2488IDE Datasheet HTML 11Page - Linear Technology LTC2488IDE Datasheet HTML 12Page - Linear Technology LTC2488IDE Datasheet HTML 13Page - Linear Technology LTC2488IDE Datasheet HTML 14Page - Linear Technology LTC2488IDE Datasheet HTML 15Page - Linear Technology LTC2488IDE Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC2488
12
2488f
APPLICATIONS INFORMATION
The serial clock pin (SCK) can be configured as either a
master (SCK is an output generated internally) or a slave
(SCK is an input and applied externally). Master mode
(Internal SCK) is selected by simply floating the SCK pin.
Slave mode (External SCK) is selected by driving SCK low
during power up and each falling edge of ⎯C⎯S. Specific
details of these SCK modes are described in the Serial
Interface Timing Modes section.
Serial Data Output (SDO)
The serial data output pin (SDO) provides the result of the
last conversion as a serial bit stream (MSB first) during
the data output state. In addition, the SDO pin is used as
an end of conversion indicator during the conversion and
sleep states.
When ⎯C⎯S is HIGH, the SDO driver is switched to a high
impedance state in order to share the data output line with
other devices. If ⎯C⎯S is brought LOW during the conversion
phase, the ⎯E⎯O⎯C bit (SDO pin) will be driven HIGH. Once the
conversion is complete, if ⎯C⎯S is brought LOW, ⎯E⎯O⎯C will be
driven LOW indicating the conversion is complete and the
result is ready to be shifted out of the device.
Chip Select (⎯C⎯S)
The active low ⎯C⎯S pin is used to test the conversion status,
enable I/O data transfer, initiate a new conversion, control
the duration of the sleep state, and set the SCK mode.
At the conclusion of a conversion cycle, while ⎯C⎯S is HIGH,
the device remains in a low power sleep state where the
supply current is reduced several orders of magnitude. In
order to exit the sleep state and enter the data output state,
⎯C⎯S must be pulled low. Data is now shifted out the SDO pin
under control of the SCK pin as described previously.
A new conversion cycle is initiated either at the conclusion
of the data output cycle (all 24 data bits read) or by pulling
⎯C⎯S HIGH any time between the first and 24th rising edges
of the serial clock (SCK). In this case, the data output is
aborted and a new conversion begins.
Serial Data Input (SDI)
The serial data input (SDI) is used to select the input
channel. Data is shifted into the device during the data
output/input state on the rising edge of SCK while ⎯C⎯S is
low.
OUTPUT DATA FORMAT
The LTC2488 serial output stream is 24 bits long. The
first bit indicates the conversion status, the second bit is
always zero, and the third bit conveys sign information.
The next 17 bits are the conversion result, MSB first. The
remaining 4 bits are always LOW.
Bit 23 (first output bit) is the end of conversion (⎯E⎯O⎯C)
indicator. This bit is available on the SDO pin during the
conversion and sleep states whenever ⎯C⎯S is LOW. This
bit is HIGH during the conversion cycle, goes LOW once
the conversion is complete, and is HIGH-Z when ⎯C⎯S is
HIGH.
Bit 22 (second output bit) is a dummy bit (DMY) and is
always LOW.
Bit 21 (third output bit) is the conversion result sign
indicator (SIG). If the selected input (VIN = IN
+ – IN–) is
greater than or equal to 0V, this bit is HIGH. If VIN < 0,
this bit is LOW.
Bit 20 (fourth output bit) is the most significant bit (MSB)
of the result. This bit in conjunction with Bit 21 also pro-
vides underrange and overrange indication. If both Bit 21
and Bit 20 are HIGH, the differential input voltage is above
+FS. If both Bit 21 and Bit 20 are LOW, the differential
input voltage is below –FS. The function of these bits is
summarized in Table 1.
Table 1. LTC2488 Status Bits
Input Range
Bit 23
⎯E⎯O⎯C
Bit 22
DMY
Bit 21
SIG
Bit 20
MSB
VIN ≥ 0.5 • VREF
0011
0V ≤ VIN < 0.5 • VREF
0010
–0.5 • VREF ≤ VIN < 0V
0001
VIN < –0.5 • VREF
0000
Bits 20 to 4 are the 16-bit plus sign conversion result
MSB first.
Bit 4 is the least significant bit (LSB16).
Bits 3 to 0 are always LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com