Electronic Components Datasheet Search
  English  ▼

X  

LTC2488IDE Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2488IDE
Description  16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2488IDE Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2488IDE Datasheet HTML 18Page - Linear Technology LTC2488IDE Datasheet HTML 19Page - Linear Technology LTC2488IDE Datasheet HTML 20Page - Linear Technology LTC2488IDE Datasheet HTML 21Page - Linear Technology LTC2488IDE Datasheet HTML 22Page - Linear Technology LTC2488IDE Datasheet HTML 23Page - Linear Technology LTC2488IDE Datasheet HTML 24Page - Linear Technology LTC2488IDE Datasheet HTML 25Page - Linear Technology LTC2488IDE Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC2488
22
2488f
APPLICATIONS INFORMATION
IN– are matched. Mismatches in source impedance lead
to a fixed offset error but do not effect the linearity or full
scale reading. A 1% mismatch in a 1k source resistance
leads to a 74µV shift in offset voltage.
In applications where the common mode input voltage
varies as a function of the input signal level (single ended
type sensors), the common mode input current varies
proportionally with input voltage. For the case of balanced
input impedances, the common mode input current effects
are rejected by the large CMRR of the LTC2488, leading
to little degradation in accuracy. Mismatches in source
impedances lead to gain errors proportional to the dif-
ference between the common mode input and common
mode reference. 1% mismatches in 1k source resistances
lead to gain errors on the order of 15ppm. Based on the
stability of the internal sampling capacitors and the ac-
curacy of the internal oscillator, a one-time calibration will
remove this error.
In addition to the input sampling current, the input ESD
protection diodes have a temperature dependent leakage
current. This current, nominally 1nA (±10nA Max), results
in a small offset shift. A 1k source resistance will create a
1µV typical and a 10µV maximum offset voltage.
Reference Current
Similar to the analog inputs, the LTC2488 samples the
differential reference pins (REF+ and REF–) transferring
small amounts of charge to and from these pins, thus
producing a dynamic reference current. If incomplete set-
tling occurs (as a function the reference source resistance
and reference bypass capacitance) linearity and gain errors
are introduced.
For relatively small values of external reference capacitance
(CREF < 1nF), the voltage on the sampling capacitor settles
for reference impedances of many kΩ (if CREF = 100pF up
to 10kΩ will not degrade the performance) (see Figures
11 and 12).
In cases where large bypass capacitors are required on
the reference inputs (CREF > 0.01µF) full-scale and linear-
ity errors are proportional to the value of the reference
resistance. Every ohm of reference resistance produces
a full-scale error of approximately 0.5ppm (while operat-
ing with the internal oscillator) (see Figures 13 and 14). If
the input common mode voltage is equal to the reference
common mode voltage, a linearity error of approximately
0.67ppm per 100Ω of reference resistance results (see
Figure 15). In applications where the input and reference
common mode voltages are different, the errors increase.
A 1V difference in between common mode input and
common mode reference results in a 6.7ppm INL error
for every 100Ω of reference resistance.
In addition to the reference sampling charge, the reference
ESD protection diodes have a temperature dependent leak-
age current. This leakage current, nominally 1nA (±10nA
max) results in a small gain error. A 100Ω reference
resistance will create a 0.5µV full scale error.
Figure 11. +FS Error vs RSOURCE at VREF (Small CREF)
Figure 12. –FS Error vs RSOURCE at VREF (Small CREF)
RSOURCE (Ω)
0
50
70
90
10k
2488 F11
30
10
40
60
80
20
0
–10
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
RSOURCE (Ω)
0
–30
–10
10
10k
2488 F12
–50
–70
–40
–20
0
–60
–80
–90
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
– = 3.75V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com