Electronic Components Datasheet Search
  English  ▼

X  

LTC2488IDE Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2488IDE
Description  16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2488IDE Datasheet(HTML) 1 Page - Linear Technology

  LTC2488IDE Datasheet HTML 1Page - Linear Technology LTC2488IDE Datasheet HTML 2Page - Linear Technology LTC2488IDE Datasheet HTML 3Page - Linear Technology LTC2488IDE Datasheet HTML 4Page - Linear Technology LTC2488IDE Datasheet HTML 5Page - Linear Technology LTC2488IDE Datasheet HTML 6Page - Linear Technology LTC2488IDE Datasheet HTML 7Page - Linear Technology LTC2488IDE Datasheet HTML 8Page - Linear Technology LTC2488IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2488
1
2488f
RSOURCE (Ω)
1
–20
0
20
1k
100k
2488 TA01b
–40
–60
–80
10
100
10k
40
60
80
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
FO = GND
TA = 25°C
CIN = 1µF
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
16-Bit 2-/4-Channel ΔΣ
ADC with Easy Drive Input
Current Cancellation
The LTC®2488 is a 4-channel (2-channel differential), 16-
bit, No Latency ΔΣ™ ADC with Easy Drive™ technology.
The patented sampling scheme eliminates dynamic input
current errors and the shortcomings of on-chip buffering
through automatic cancellation of differential input current.
This allows large external source impedances and rail-to-
rail input signals to be directly digitized while maintaining
exceptional DC accuracy.
The LTC2488 includes an integrated oscillator. This device
can be configured to measure an external signal from
combinations of 4 analog input channels operating in single
ended or differential modes. It automatically rejects line
frequencies of 50Hz and 60Hz simultaneously.
The LTC2488 allows a wide common mode, input range
(0V to VCC), independent of the reference voltage. Any
combination of single-ended or differential inputs can
be selected and the first conversion after a new channel
selection is valid.
Data Acquisition System
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
No Latency
∆Σ and Easy Drive are trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
■
Up to 2 Differential or 4 Single-Ended Inputs
■
Easy Drive Technology Enables Rail-to-Rail Inputs
with Zero Differential Input Current
■
Directly Digitizes High Impedance Sensors with
Full Accuracy
■
600nV RMS Noise (0.02LSB Transition Noise)
■
GND to VCC Input/Reference Common Mode Range
■
Simultaneous 50Hz/60Hz Rejection
■
2ppm INL, No Missing Codes
■
1ppm Offset and 15ppm Full-Scale Error
■
No Latency: Digital Filter Settles in a Single Cycle,
Even After a New Channel is Selected
■
Single Supply 2.7V to 5.5V Operation (0.8mW)
■
Internal Oscillator
■
Tiny 4mm × 3mm DFN Package
■
Direct Sensor Digitizer
■
Direct Temperature Measurement
■
Instrumentation
■
Industrial Process Control
Fullscale Error vs Source Resistance
SDI
SCK
SDO
CS
FO
REF+
VCC
2.7V TO 5.5V
10
µF
COM
REF –
16-BIT
∆Σ ADC
WITH EASY DRIVE
4-CHANNEL
MUX
IN+
IN–
2488 TA01a
4-WIRE
SPI INTERFACE
CH0
CH1
CH3
CH2
0.1
µF
OSC


Similar Part No. - LTC2488IDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2488 LINER-LTC2488_15 Datasheet
394Kb / 30P
16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
More results

Similar Description - LTC2488IDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2486 LINER-LTC2486 Datasheet
604Kb / 36P
16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2492 LINER-LTC2492 Datasheet
470Kb / 36P
24-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2494 LINER-LTC2494 Datasheet
536Kb / 36P
16-Bit 8-/16-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2488 LINER-LTC2488_15 Datasheet
394Kb / 30P
16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com