Electronic Components Datasheet Search
  English  ▼

X  

TLV987 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV987
Description  3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV987 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV987 Datasheet HTML 4Page - Texas Instruments TLV987 Datasheet HTML 5Page - Texas Instruments TLV987 Datasheet HTML 6Page - Texas Instruments TLV987 Datasheet HTML 7Page - Texas Instruments TLV987 Datasheet HTML 8Page - Texas Instruments TLV987 Datasheet HTML 9Page - Texas Instruments TLV987 Datasheet HTML 10Page - Texas Instruments TLV987 Datasheet HTML 11Page - Texas Instruments TLV987 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TLV987
3-V 10-BIT 27 MSPS AREA CCD SENSOR
SIGNAL PROCESSOR
SLAS211A – MARCH 1999 – REVISED SEPTEMBER 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
BLKG
TPP
TPM
OBCLP
STBY
RESET
CS
SDIN
SCLK
ADCCLK
AVDD
0.1
µF
10
µF
0.1
µF
1
µF
0.1
µF
0.1
µF
AREA
CCD
0.1
µF
0.1
µF
1
µF
1
µF
1
µF
1
µF
0.1
µF
0.1
µF
0.1
µF
AVDD
AVDD
SR
SV
CLAMP
AVDD
DVDD
D (9–0)
DIVDD
AVDD
DVDD
DIVDD
3 V
3 V
1.8 V to 4.4 V
Analog Ground
Digital Ground
BLKG
TPP
TPM
OBCLP
STBY
RESET
CS
SDIN
SCLK
ADCCLK
DIN
AVDD4
AGND4
PIN
AVDD2
AGND2
DGND
DVDD
D0
D1
D2
D3
D4
D5
DACT
DACO2
DACO1
AVDD
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
TLV987CPFB
OE
(see Note D)
NOTES: A. All analog outputs should be buffered if the load is resistive or if the load is capacitive with more than 2-pF loading.
B. When using the TPP and TPM pins to test internal PGA, the AVDD supply voltage should be 3.3 V.
C. Clock signals on the TPP and TPM pins are inverted.
D. These two capacitors should be placed as close to the device as possible.
Figure 4. Typical Application Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com