Electronic Components Datasheet Search
  English  ▼

X  

TLV987 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV987
Description  3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV987 Datasheet(HTML) 3 Page - Texas Instruments

  TLV987 Datasheet HTML 1Page - Texas Instruments TLV987 Datasheet HTML 2Page - Texas Instruments TLV987 Datasheet HTML 3Page - Texas Instruments TLV987 Datasheet HTML 4Page - Texas Instruments TLV987 Datasheet HTML 5Page - Texas Instruments TLV987 Datasheet HTML 6Page - Texas Instruments TLV987 Datasheet HTML 7Page - Texas Instruments TLV987 Datasheet HTML 8Page - Texas Instruments TLV987 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TLV987
3-V 10-BIT 27 MSPS AREA CCD SENSOR
SIGNAL PROCESSOR
SLAS211A – MARCH 1999 – REVISED SEPTEMBER 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADCCLK
25
I
ADC clock input.
AGND1
44
Analog ground for internal CDS circuits
AGND2
4
Analog ground for internal PGA circuits
AGND3
20
Analog ground for internal DAC circuits
AGND4
32
Analog ground for internal ADC circuits
AGND5
37
Analog ground for internal REF circuits
AVDD1
43
Analog supply voltage for internal CDS circuits, 3 V
AVDD2
3
Analog supply voltage for internal PGA circuits, 3 V
AVDD3
19
Analog supply voltage for internal DAC circuits, 3 V
AVDD4
33
Analog supply voltage for internal ADC circuits, 3 V
AVDD5
41
Analog supply voltage for internal ADC circuits, 3 V
BLKG
36
I
Control input. CDS operation is disabled when BLKG is pulled low.
CLAMP
47
I
CCD signal clamp control input
CLREF
48
O
Clamp reference voltage output.
CS
28
I
Chip select. A logic low on this input enables the TLV987.
DACO1
21
O
Digital-to-analog converter output1
DACO2
22
O
Digital-to-analog converter output2
DACT
23
O
MUXed test output for internal offset DACs
DGND
5
Digital ground
DIGND
18
Digital interface circuit ground
DIN
1
I
Input signal from CCD
DIVDD
17
Digital interface circuit supply voltage, 1.8 V to 4.4 V
DVDD
6
Digital supply voltage, 3 V
D0 – D9
7 – 16
O
10-bit three-state ADC output data or offset DACs test data
OBCLP
31
I
Optical black level and offset calibration control input. Active low.
OE
24
I
Output data enable. Active low.
PIN
2
I
Input signal from CCD
RBD
38
O
Internal bandgap reference for external decoupling
RMD
39
O
Ref– output for external decoupling
RPD
40
O
Ref+ output for external decoupling
RESET
29
I
Hardware reset input, active low. This signal forces a reset of all internal registers.
SCLK
26
I
Serial clock input. This clock synchronizes the serial data transfer.
SDIN
27
I
Serial data input to configure the internal registers.
SR
45
I
CCD reference level sample clock input
STBY
30
I
Hardware power-down control input, active low
SV
46
I
CCD signal level sample clock input
TPM
34
O
MUXed test output: PGA noninverting output or inverted PGA clock
TPP
35
O
MUXed test output: PGA inverting output or inverted CDS clock
VSS
42
Silicon substrate, normally connected to analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com