Electronic Components Datasheet Search
  English  ▼

X  

TLV987 Datasheet(PDF) 19 Page - Texas Instruments

Part # TLV987
Description  3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV987 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV987 Datasheet HTML 12Page - Texas Instruments TLV987 Datasheet HTML 13Page - Texas Instruments TLV987 Datasheet HTML 14Page - Texas Instruments TLV987 Datasheet HTML 15Page - Texas Instruments TLV987 Datasheet HTML 16Page - Texas Instruments TLV987 Datasheet HTML 17Page - Texas Instruments TLV987 Datasheet HTML 18Page - Texas Instruments TLV987 Datasheet HTML 19Page - Texas Instruments TLV987 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
TLV987
3-V 10-BIT 27 MSPS AREA CCD SENSOR
SIGNAL PROCESSOR
SLAS211A – MARCH 1999 – REVISED SEPTEMBER 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PFB (S-PQFP-G48)
PLASTIC QUAD FLATPACK
4073176 / B 10/96
Gage Plane
0,13 NOM
0,25
0,45
0,75
Seating Plane
0,05 MIN
0,17
0,27
24
25
13
12
SQ
36
37
7,20
6,80
48
1
5,50 TYP
SQ
8,80
9,20
1,05
0,95
1,20 MAX
0,08
0,50
M
0,08
0
°–7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com