Electronic Components Datasheet Search
  English  ▼

X  

TLV987 Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV987
Description  3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV987 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV987 Datasheet HTML 11Page - Texas Instruments TLV987 Datasheet HTML 12Page - Texas Instruments TLV987 Datasheet HTML 13Page - Texas Instruments TLV987 Datasheet HTML 14Page - Texas Instruments TLV987 Datasheet HTML 15Page - Texas Instruments TLV987 Datasheet HTML 16Page - Texas Instruments TLV987 Datasheet HTML 17Page - Texas Instruments TLV987 Datasheet HTML 18Page - Texas Instruments TLV987 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TLV987
3-V 10-BIT 27 MSPS AREA CCD SENSOR
SIGNAL PROCESSOR
SLAS211A – MARCH 1999 – REVISED SEPTEMBER 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
power supply
The TLV987 has several power supply pins. Each major internal analog block has a dedicated AVDD supply pin.
All internal digital circuitry is powered by DVDD. Both AVDD and DVDD are 3 V nominal.
The DIVDD and DIGND pins supply power to the output digital driver (D9–D0). The DIVDD pin is independent
of the DVDD pin and can be operated from 1.8 V to 4.4 V. This allows the outputs to interface with digital ASICs
requiring different supply voltages.
grounding and decoupling
General practices should apply to the PCB design to limit high frequency transients and noise that are fed back
into the supply and reference lines. This requires that the supply and reference pins be sufficiently bypassed.
In the case of power supply decoupling, 0.1-
µF ceramic chip capacitors are adequate to keep the impedance
low over a wide frequency range. Recommended external decoupling for the three voltage reference pins is
shown in Figure 3. Since their effectiveness depends largely on the proximity to the individual supply pin, all
decoupling capacitors should be placed as close to the supply pins as possible.
To reduce high frequency and noise coupling, it is highly recommended that the digital ground and analog
ground be shorted immediately outside the package. This can be accomplished by running a low impedance
line between the DGND and AGND pins, under the package.
automatic optical black and offset correction
In the TLV987, the optical black and system channel offset corrections are performed by an auto digital feedback
loop. Two DACs are used to compensate for both channel offset and the optical black offset. A coarse correction
DAC (CDAC) is located before the PGA gain stage and a fine correction DAC (FDAC) is located after the gain
stage. The digital calibration system is capable of correcting the optical black and channel offset down to one
ADC LSB accuracy.
The TLV987 automatically starts auto-calibration whenever the OBCLP input is pulled low. The OBCLP pulse
should be wide enough to cover one positive half cycle of the ADCCLK as shown in Figure 1.
For each line, the optical black pixels plus the channel offset are sampled and converted to digital data by the
ADC. A digital circuit averages the data during the optical black pixels. The final averaged result is compared
digitally with the desired output code stored in the Vb register (default is 40h), then control logic adjusts the
FDAC to make the ADC output equal to the Vb. If the offset is out of the range of the FDAC (
±255 ADC LSBs),
the error is corrected by both the CDAC and FDAC. The CDAC increments or decrements by one CDAC LSB
depending on whether the offset is negative or positive, until the output is within the range of the FDAC. The
remaining residue is corrected by the FDAC.
The relationship among the FDAC, CDAC, and ADC in terms of the number of ADC LSBs is as follows:
1 FDAC LSB = 1 ADC LSB,
1 CDAC LSB = 0.5 x PGA linear gain
× 1 ADC LSB.
For example, if PGA gain = 2 (6 dB), then, 1 CDAC LSB = 1 ADC LSB.
After auto-calibration is complete, the ADC digital output during CCD signal interval can be expressed by the
following equation:
ADC output [D9–D0] = CCD_input
× PGA gain + Vb,
Where, Vb is the desired black level selected by the user. The total offset including optical black offset is
calibrated to be equal to the Vb by adjusting the offset correction DAC during auto-calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com