Electronic Components Datasheet Search
  English  ▼

X  

TLV987 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV987
Description  3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV987 Datasheet(HTML) 4 Page - Texas Instruments

  TLV987 Datasheet HTML 1Page - Texas Instruments TLV987 Datasheet HTML 2Page - Texas Instruments TLV987 Datasheet HTML 3Page - Texas Instruments TLV987 Datasheet HTML 4Page - Texas Instruments TLV987 Datasheet HTML 5Page - Texas Instruments TLV987 Datasheet HTML 6Page - Texas Instruments TLV987 Datasheet HTML 7Page - Texas Instruments TLV987 Datasheet HTML 8Page - Texas Instruments TLV987 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TLV987
3-V 10-BIT 27 MSPS AREA CCD SENSOR
SIGNAL PROCESSOR
SLAS211A – MARCH 1999 – REVISED SEPTEMBER 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, AVDD, DVDD, DIVDD
–0.3 V to 6.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range
– 0.3 V to AVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
– 0.3 V to DVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
power supplies
MIN
NOM
MAX
UNIT
Analog supply voltage, AVDD
2.7
3
3.3
V
Digital supply voltage, DVDD
2.7
3
3.3
V
Digital interface supply voltage, DIVDD
1.8
4.4
V
digital inputs
MIN
NOM
MAX
UNIT
High-level input voltage, VIH
DIVDD = 3 V
0.8DIVDD
V
Low-level input voltage, VIL
DIVDD = 3 V
0.2DIVDD
V
Clock frequency, ADCCLK, fclock1
DVDD = 3 V
27
MHz
Pulse duration, ADCCLK, high, tw(CLKH)1
DVDD = 3 V
18.5
ns
Pulse duration, ADCCLK, low, tw(CLKL)1
DVDD = 3 V
18.5
ns
Clock frequency, SCLK, fclock2
DVDD = 3 V
40
MHz
Pulse duration, SCLK high, tw(CLKH)2
DVDD = 3 V
12.5
ns
Pulse duration, SCLK low, tw(CLKL)2
DVDD = 3 V
12.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com