Electronic Components Datasheet Search
  English  ▼

X  

TMS320P15 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320P15
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320P15 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320P15 Datasheet HTML 35Page - Texas Instruments TMS320P15 Datasheet HTML 36Page - Texas Instruments TMS320P15 Datasheet HTML 37Page - Texas Instruments TMS320P15 Datasheet HTML 38Page - Texas Instruments TMS320P15 Datasheet HTML 39Page - Texas Instruments TMS320P15 Datasheet HTML 40Page - Texas Instruments TMS320P15 Datasheet HTML 41Page - Texas Instruments TMS320P15 Datasheet HTML 42Page - Texas Instruments TMS320P15 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 146 page
background image
RL = 825 Ω,
CL = 100 pF,
(see Figure 2)
RL = 825 Ω,
CL = 100 pF,
(see Figure 2)
RL = 825 Ω,
CL = 100 pF,
(see Figure 2)
TMS320C14, TMS320E14, TMS320P14
DIGITAL SIGNAL PROCESSORS
SPRS009C – JANUARY 1987 – REVISED JULY 1991
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
39
MICROCOMPUTER/MICROPROCESSOR MODE (NMI/MC/MP)
timing requirements over recommended operating conditions
MIN
NOM
MAX
UNIT
th(MC/MP)‡ Hold time after RS high
tc(C)
ns
† Values were derived from characterization data and not tested.
‡ Hold time to put device in microprocessor mode.
INTERRUPT (INT)/NONMASKABLE INTERRUPT (NMI)
timing requirements over recommended operating conditions
MIN
NOM
MAX
UNIT
tf(INT)
Fall time, INT
15†
ns
tf(NMI)
Fall time, NMI
15†
ns
tw(INT)
Pulse duration, INT
tc(C)
ns
tw(NMI)
Pulse duration, NMI
tc(C)
ns
tsu(INT)
Setup time, INT before CLKOUT low (see Note 12)
60
ns
tsu(NMI)
Setup time, NMI before CLKOUT low (see Note 12)
60
ns
NOTE 12: INT and NMI are synchronous inputs and can occur at any time during the cycle. NMI and INT are edge triggered only.
BIT I/O TIMING
switching characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
trfo(IOP) Rise and fall time outputs
20†
ns
td(IOP)
CLKOUT low to data valid outputs
0.75 tc(C) +80
ns
timing requirements over recommended operating conditions
TEST CONDITIONS
MIN
NOM
MAX
UNIT
trfl(IOP)
Rise and fall time inputs
20†
ns
tsu(IOP) Data setup time before CLKOUT time
40
ns
tw(IOP)
Input pulse duration
tc(C)
ns
GENERAL PURPOSE TIMERS
timing requirements over recommended operating conditions
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tr(TIM)
TCLK1, TCLK2 rise time
20†
ns
tf(TIM)
TCLK1, TCLK2 fall time
20†
ns
twl(TIM)
TCLK1, TCLK2 low time
tc(C) +20
ns
twh(TIM)
TCLK1, TCLK2 high time
tc(C) +20
ns
tclk(TIM)
Input pulse duration
2tc(C) +40
ns
† Values were derived from characterization data and not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com