Electronic Components Datasheet Search
  English  ▼

X  

TMS320P15 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320P15
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320P15 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320P15 Datasheet HTML 25Page - Texas Instruments TMS320P15 Datasheet HTML 26Page - Texas Instruments TMS320P15 Datasheet HTML 27Page - Texas Instruments TMS320P15 Datasheet HTML 28Page - Texas Instruments TMS320P15 Datasheet HTML 29Page - Texas Instruments TMS320P15 Datasheet HTML 30Page - Texas Instruments TMS320P15 Datasheet HTML 31Page - Texas Instruments TMS320P15 Datasheet HTML 32Page - Texas Instruments TMS320P15 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 146 page
background image
TMS320C14, TMS320E14, TMS320P14
DIGITAL SIGNAL PROCESSORS
SPRS009C – JANUARY 1987 – REVISED JULY 1991
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
29
introduction
The
′C14/E14/P14 are 16/32-bit single-chip digital signal processing (DSP) microcontrollers that combine the
high performance of a DSP with on-chip peripherals. With a 160-ns instruction cycle, these devices are capable
of executing up to 6.4 million instructions per second (MIPS). The
′C14/E14/P14 DSPs are ideal for applications
such as automotive control systems, computer peripherals, industrial controls, and military command/control
system applications.
Control-specific on-chip peripherals include: An event manager with 6 channel PWM D/A/, 6-bit I/O pins, an
asynchronous serial port, four 16-bit timers, and internal/external interrupts.
With 4K-words of on-chip ROM, the
′C14 is a mask programmable device. Code is provided by the customer,
and TI incorporates the customer’s code into the photomask. It is offered in a 68-pin plastic chip carrier package
(FN suffix), rated for operation from 0
°C to 70°C.
The
′E14 is provided with a 4K-word on-chip EPROM. This EPROM version is excellent for prototyping and for
customized applications. It is programmable with standard EPROM programmers. It is offered in a 68-pin
(windowed) cerquad package (FZ suffix), rated for operation from 0
°C to 70°C.
The
′P14 features a one-time programmable 4K-word on-chip EPROM. The ′P14 is provided in an
unprogrammed state and is programmed as if it were a blank
′E14. It is offered in a low-cost,
volume-production-oriented, 68-pin plastic leaded chip carrier (PLCC) package (FN suffix), rated for operation
from 0
°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com