Electronic Components Datasheet Search
  English  ▼

X  

TMS320P15 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS320P15
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320P15 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320P15 Datasheet HTML 24Page - Texas Instruments TMS320P15 Datasheet HTML 25Page - Texas Instruments TMS320P15 Datasheet HTML 26Page - Texas Instruments TMS320P15 Datasheet HTML 27Page - Texas Instruments TMS320P15 Datasheet HTML 28Page - Texas Instruments TMS320P15 Datasheet HTML 29Page - Texas Instruments TMS320P15 Datasheet HTML 30Page - Texas Instruments TMS320P15 Datasheet HTML 31Page - Texas Instruments TMS320P15 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 146 page
background image
32-Bit ALU/ACC
Multiplier
Shifters
Interrupt
Data (16)
Address (12)
+5 V
GND
256-Word RAM
8K-Word ROM/
EPROM
D4
D5
D6
D7
IOP0
IOP1
IOP2
IOP3
IOP4
IOP5
D8
D9
RXD/DATA
TXD/CLK
D10
IOP6
IOP7
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
9876 543 2 1 68 67 66 65 64 63 62 61
TCLK/CLKR
TCLK2/CLKX
A8
A7
A6
WE
REN
RS
INT
CLKOUT
A5
A4
NMI/MC/MP
WDT
CLKIN
A3
A2
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
TMS320C14, TMS320E14/P14
FN/FZ Packages
(Top View)
TMS320C14, TMS320E14, TMS320P14
DIGITAL SIGNAL PROCESSORS
SPRS009C – JANUARY 1987 – REVISED JULY 1991
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
28
Key Features: TMS320C14/E14/P14
• 160-ns Instruction Cycle
• 256 Words of On-Chip Data RAM
• 4K Words of On-Chip Program ROM
(TMS320C14)
• 4K Words of On-Chip Program EPROM
(TMS320E14/P14)
• One-Time Programmable (OTP) Windowless
EPROM Version Available (
′320P14)
• EPROM Code Protection for Copyright Security
• External Memory Expansion up to 4K-Words
at Full Speed (Microprocessor Mode)
• 16 × 16-Bit Multipler With 32-Bit Product
• 0 to 16-Bit Barrel Shifter
• Seven Input and Seven Output External Ports
• Bit Selectable I/O Port (16 Pins)
• 16-Bit Bidirectional Data Bus With Greater than
50-Mbps Transfer Rate
• Asynchronous Serial Port
• 15 Internal/External Interrupts
• Event Manager With Capture Inputs and
Compare Outputs
• Four Independent Timers [Watchdog,
General Purpose (2), Serial Port]
• Four-Level Hardware Stack
• Packaging: 68-Pin PLCC (FN Suffix)
or CLCC (FZ Suffix)
• Single 5-V Supply
• Operating Free-Air Temperature
...0
°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com