Electronic Components Datasheet Search
  English  ▼

X  

TMS320P15 Datasheet(PDF) 73 Page - Texas Instruments

Part # TMS320P15
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320P15 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320P15 Datasheet HTML 69Page - Texas Instruments TMS320P15 Datasheet HTML 70Page - Texas Instruments TMS320P15 Datasheet HTML 71Page - Texas Instruments TMS320P15 Datasheet HTML 72Page - Texas Instruments TMS320P15 Datasheet HTML 73Page - Texas Instruments TMS320P15 Datasheet HTML 74Page - Texas Instruments TMS320P15 Datasheet HTML 75Page - Texas Instruments TMS320P15 Datasheet HTML 76Page - Texas Instruments TMS320P15 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 146 page
background image
RL = 825Ω,
CL = 100 pF,
(see Figure 2)
RL = 825Ω,
CL = 100 pF,
(see Figure 2)
TMS320LC15
DIGITAL SIGNAL PROCESSOR
SPRS009C – JANUARY 1987 – REVISED JULY 1991
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
73
MEMORY AND PERIPHERAL INTERFACE TIMING
switching characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td1
Delay time CLKOUT
↓ to address bus valid
10†
75
n
s
td2
Delay time CLKOUT
↓ to MEN↓
1/4 tc(C)–5† 1/4 tc(C)+25
ns
td3
Delay time CLKOUT
↓ to MEN↑
–10†
30
ns
td4
Delay time CLKOUT
↓ to DEN↓
1/4 tc(C)–5† 1/4 tc(C)+25
ns
td5
Delay time CLKOUT
↓ to DEN↑
–10†
30
ns
td6
Delay time CLKOUT
↓ to WE↓
1/2 tc(C)–5† 1/2 tc(C)+25
ns
td7
Delay time CLKOUT
↓ to WE↑
–10†
30
ns
td8
Delay time CLKOUT
↓ to data bus OUT valid
1/4 tc(C)+75
ns
td9
Time after CLKOUT
↓ that data bus starts to be driven
1/4 tc(C)–5†
ns
td10
Time after CLKOUT
↓ that data bus stops being driven
1/4 tc(C)+60
ns
tv
Data bus OUT valid after CLKOUT
↓
1/4 tc(C)–10
ns
th(A-WMD) Address hold time after WE↑, MEN↑, or DEN↑ (see Note 14)
0†
ns
tsu(A-MD)
Address bus setup time to DEN
↓
– 4†
ns
† Values derived from characterization data and not tested.
NOTE 14: Address bus will be valid upon WE
↑, MEN↑, or DEN↑.
timing requirements over recommended operating conditions
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tsu(D)
Setup time data bus valid prior to CLKOUT
↓
56
ns
th(D)
Hold time, data bus held valid after CLKOUT
↓ (see Note 9)
0
ns
NOTE 9:
Data may be removed from the data bus upon MEN
↑ or DEN↑ preceding CLKOUT↓.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com