Electronic Components Datasheet Search
  English  ▼

X  

TMS320P15 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320P15
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320P15 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320P15 Datasheet HTML 45Page - Texas Instruments TMS320P15 Datasheet HTML 46Page - Texas Instruments TMS320P15 Datasheet HTML 47Page - Texas Instruments TMS320P15 Datasheet HTML 48Page - Texas Instruments TMS320P15 Datasheet HTML 49Page - Texas Instruments TMS320P15 Datasheet HTML 50Page - Texas Instruments TMS320P15 Datasheet HTML 51Page - Texas Instruments TMS320P15 Datasheet HTML 52Page - Texas Instruments TMS320P15 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 146 page
background image
TMS320E14, TMS320P14
DIGITAL SIGNAL PROCESSORS
SPRS009C – JANUARY 1987 – REVISED JULY 1991
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
49
TERMINAL FUNCTIONS (TMS320E14/P14)
NAME
I/O
DEFINITION
A12(MSB)-A0(LSB)
CLKIN
E
EPT
G
GND
PGM
Q8(MSB)-Q1(LSB)
RS
VCC
VPP
I
I
I
I
I
I
I
I/O
I
I
I
On-chip EPROM programming address lines
Clock oscillator input
EPROM chip enable
EPROM test mode select
EPROM output enable
Ground
EPROM write/program select
Data lines for byte-wide programming of on-chip 8K bytes of EPROM
Reset for initializing the device
5-V to 6.5-V power supply
12.5-V to 13-V power supply
Table 4 shows the programming levels required for programming, verifying, reading, and protecting the EPROM
cell.
Table 4. TMS320E14/P14 Programming Mode Levels
SIGNAL
NAME†
TMS320E14/P14
PIN
TMS27C64
PIN
PROGRAM
PROGRAM
VERIFY
READ
EPROM
PROTECT
PROTECT
VERIFY
E
19
20
VIL
VIL
VIL
VIH
VIL
G
23
22
VIH
PULSE
PULSE
VIH
VIL
PGM
16
27
PULSE
VIH
VIH
VIH
VIH
VPP
18
1
VPP
VPP
VCC
VPP
VCCP
VCC
4,33
28
VCCP
VCCP
VCC
VCCP
VCCP
VSS
3,34
14
VSS
VSS
VSS
VSS
VSS
CLKIN
24
14
VSS
VSS
VSS
VSS
VSS
EPT
17
26
VSS
VSS
VSS
VPP
VPP
Q1-Q8
42, 41, 38, 37,
32-29
11–13, 15-19,
Data In
Data Out
Data Out
Q8 = PULSE
Q8 = RBIT
A12-A7
15, 11, 10, 8, 7, 2
2, 23, 21, 24,
25, 3
ADDR
ADDR
ADDR
X
X
A6
1
4
ADDR
ADDR
ADDR
X
VIL
A5
68
5
ADDR
ADDR
ADDR
X
X
A4
67
6
ADDR
ADDR
ADDR
VIH
X
A3-A0
66, 65, 56, 55
7-10
ADDR
ADDR
ADDR
X
X
† Signal names shown for
′E14/P14 EPROM programming mode only.
Legend:
VIH
= TTL high level; VIL = TTL low level; ADDR = byte address bit; VPP = 12.5 V ± 0.25 V (FAST) or 13 V ± 0.25 V (SNAP! Pulse).
VCC =5 V ± 0.25 V; X = don’t care; PULSE = low-going TTL pulse.
DIN
= byte to be programmed at ADDR; QOUT = byte stored at ADDR.; RBIT = ROM protect bit
VCCP =6 V ± 0.25 V (FAST) or 6.5 V ± 0.25 V (SNAP! Pulse).
programming
Since every memory in the cell is at a logic high, the programming operation reprograms selected bits to low.
Once the
′320E14 is programmed, these bits can only be erased using ultraviolet light. The correct byte is placed
on the data bus with VPP set to the 12.5-V level. The PGM pin is then pulsed low to program in the zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com