Electronic Components Datasheet Search
  English  ▼

X  

TMS320P15 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS320P15
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320P15 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320P15 Datasheet HTML 23Page - Texas Instruments TMS320P15 Datasheet HTML 24Page - Texas Instruments TMS320P15 Datasheet HTML 25Page - Texas Instruments TMS320P15 Datasheet HTML 26Page - Texas Instruments TMS320P15 Datasheet HTML 27Page - Texas Instruments TMS320P15 Datasheet HTML 28Page - Texas Instruments TMS320P15 Datasheet HTML 29Page - Texas Instruments TMS320P15 Datasheet HTML 30Page - Texas Instruments TMS320P15 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 146 page
background image
TMS320C10, TMS320C10-14, TMS320C10-25
DIGITAL SIGNAL PROCESSORS
SPRS009C – JANUARY 1987 – REVISED JULY 1991
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
27
TYPICAL POWER VS. FREQUENCY GRAPHS
1.2
4
8
12
16
20
24
28
10
16
22
28
34
40
46
52
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
fx - Crystal Frequency - MHz
(a) – 40
°C to 85°C Temperature Range
1.2
4
8
12
16
20
24
28
0
6
12
18
24
30
36
42
fx - Crystal Frequency - MHz
(b) Voltage = 5 V; Temperature = 25
°C
Without Load
With Load
TA = – 40°C
TA = 85°C
TA = – 40°C
TA = 85°C
TA = – 40°C
TA = 85°C
Figure 4. Typical CMOS ICC vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com