Electronic Components Datasheet Search
  English  ▼

X  

TMS320P15 Datasheet(PDF) 35 Page - Texas Instruments

Part # TMS320P15
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320P15 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320P15 Datasheet HTML 31Page - Texas Instruments TMS320P15 Datasheet HTML 32Page - Texas Instruments TMS320P15 Datasheet HTML 33Page - Texas Instruments TMS320P15 Datasheet HTML 34Page - Texas Instruments TMS320P15 Datasheet HTML 35Page - Texas Instruments TMS320P15 Datasheet HTML 36Page - Texas Instruments TMS320P15 Datasheet HTML 37Page - Texas Instruments TMS320P15 Datasheet HTML 38Page - Texas Instruments TMS320P15 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 146 page
background image
VIH
High-level input voltage
V
VCC
Supply voltage
TMS320C14, TMS320E14, TMS320P14
DIGITAL SIGNAL PROCESSORS
SPRS009C – JANUARY 1987 – REVISED JULY 1991
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
35
electrical specifications
This section contains all the electrical specifications for the
′C14/E14/P14 devices, including test parameter
measurement information. Parameters with PP subscripts apply only to the ′E14 and ′P14 in the EPROM
programming mode.
absolute maximum ratings over specified temperature range (unless otherwise noted)†
Supply voltage range, VCC (see Note 6)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VPP (see Note 6)
– 0.6 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range
– 0.3 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation
0.5 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Air temperature range above operating device: L version
0 °C to 70 °C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature
– 55 °C + 150 °C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the “Recommended Operating Conditions” section of
this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 6: All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
Operating voltage
4.75
5
5.25
V
Fast programming
5.75
6
6.25
V
SNAP! Pulse programming
6.25
6.5
6.75
V
VPP
Supply voltage for Fast programming (see Note 11)
12.25
12.5
12.75
V
VPP
Supply voltage for SNAP! Pulse programming (see Note 11)
12.75
13
13.25
V
VSS
Supply voltage
0
V
CLKIN, CAP0, CAP1, CMP4/CAP2, CMP5/CAP3, RS
3
All remaining inputs
2
VIL
Low-level input voltage, all inputs
0.8
V
IOH
High-level output current, all outputs
– 300
µA
IOL
Low-level output current, all outputs
2
mA
TA
Operating free-air temperature
0
70
°C
NOTE 11: VPP can be applied only to programming pins designed to accept VPP as an input. During programming the total supply current
is IPP + ICC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com