Electronic Components Datasheet Search
  English  ▼

X  

TMS320P15 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320P15
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320P15 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320P15 Datasheet HTML 9Page - Texas Instruments TMS320P15 Datasheet HTML 10Page - Texas Instruments TMS320P15 Datasheet HTML 11Page - Texas Instruments TMS320P15 Datasheet HTML 12Page - Texas Instruments TMS320P15 Datasheet HTML 13Page - Texas Instruments TMS320P15 Datasheet HTML 14Page - Texas Instruments TMS320P15 Datasheet HTML 15Page - Texas Instruments TMS320P15 Datasheet HTML 16Page - Texas Instruments TMS320P15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 146 page
background image
SPRS009C – JANUARY 1987 – REVISED JULY 1991
TMS320C10, TMS320C10-14, TMS320C10-25
DIGITAL SIGNAL PROCESSORS
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
13
functional block diagram
3
12
D15-D0
32
16
16
16
32
Shifter (0,1,4)
32
ACC (32)
32
ALU (32)
Data RAM
(144 Words)
Address
Data
32
32
MUX
32
16
P(32)
T(16)
Multiplier
Shifter
(0–16)
16
8
DP
7
MUX
8
8
AR1 (16)
AR0 (16)
ARP
16
16
Data Bus
16
16
16
Program Bus
A11-A0/
PA2-PA0
12
Instruction
Program
ROM/EPROM
(1.5K Words)
3
RS
INT
MC/MP
BIO
MEN
DEN
WE
Stack
4
× 12
12
12
PC (12)
12
12 LSB
MUX
16
X2/CLKIN
CLKOUT
X1
Legend:
ACC = Accumulator
ALU = Arithmetic Logic Unit
ARP = Auxiliary Register Pointer
AR0 = Auxiliary Register 0
AR1 = Auxiliary Register 1
DP
= Data Page Pointer
P
= P Register
PC
= Program Counter
T
= T Register
Program Bus
Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com