Electronic Components Datasheet Search
  English  ▼

X  

TPS7201 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS7201
Description  MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7201 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7201 Datasheet HTML 5Page - Texas Instruments TPS7201 Datasheet HTML 6Page - Texas Instruments TPS7201 Datasheet HTML 7Page - Texas Instruments TPS7201 Datasheet HTML 8Page - Texas Instruments TPS7201 Datasheet HTML 9Page - Texas Instruments TPS7201 Datasheet HTML 10Page - Texas Instruments TPS7201 Datasheet HTML 11Page - Texas Instruments TPS7201 Datasheet HTML 12Page - Texas Instruments TPS7201 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TPS7201Q, TPS7225Q, TPS7228Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102F – MARCH 1995 – REVISED NOVEMBER 1998
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TPS7228Q electrical characteristics, IO = 10 mA, VI = 3.75 V, EN = 0 V, CO = 4.7 µF (CSR† = 1 Ω),
SENSE shorted to OUT (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TJ
TPS7228Q
UNIT
PARAMETER
TEST CONDITIONS‡
TJ
MIN
TYP
MAX
UNIT
Output voltage
VI = 3.75 V,
IO = 10 mA
25
°C
2.75
V
Output voltage
3.75 V
≤ VI ≤ 10 V,
5 mA
≤ IO ≤ 250 mA –40°C to 125°C
2.69
2.81
V
IO =10mA
VI = 2 69 V
25
°C
TBD
IO = 10 mA,
VI = 2.69 V
–40
°C to 125°C
TBD
Dropout voltage
IO = 100 mA
VI = 2 69 V
25
°C
TBD
mV
Dropout voltage
IO = 100 mA,
VI = 2.69 V
–40
°C to 125°C
TBD
mV
IO = 250 mA
VI = 2 69 V
25
°C
TBD
IO = 250 mA,
VI = 2.69 V
–40
°C to 125°C
TBD
Pass element series resistance
(2.69 V – VO)/IO,
VI = 2.69 V,
25
°C
TBD
Ω
Pass-element series resistance
(
O) O,
IO = 250 mA
I
,
–40
°C to 125°C
TBD
Ω
Input regulation
VI =3 75Vto10V
50
µA ≤ IO ≤ 250 mA
25
°C
TBD
mV
Input regulation
VI = 3.75 V to 10 V,
50
µA ≤ IO ≤ 250 mA
–40
°C to 125°C
TBD
mV
IO =5mAto250 mA
375 V
≤ VI ≤ 10 V
25
°C
TBD
Output regulation
IO = 5 mA to 250 mA,
3.75 V
≤ VI ≤ 10 V
–40
°C to 125°C
TBD
mV
Output regulation
IO =50 µA to 250 mA
375 V
≤ VI ≤ 10 V
25
°C
TBD
mV
IO = 50 µA to 250 mA,
3.75 V
≤ VI ≤ 10 V
–40
°C to 125°C
TBD
IO =50 µA
25
°C
TBD
Ripple rejection
f = 120 Hz
IO = 50 µA
–40
°C to 125°C
TBD
dB
Ripple rejection
f = 120 Hz
IO = 250 mA
25
°C
TBD
dB
IO = 250 mA
–40
°C to 125°C
TBD
Output noise spectral density
f = 120 Hz
25
°C
TBD
µV/√Hz
10 H
≤ f ≤ 100 kH
CO = 4.7 µF
25
°C
TBD
Output noise voltage
10 Hz
≤ f ≤ 100 kHz,
CSR† = 1
Ω
CO = 10 µF
25
°C
TBD
µVrms
CSR† = 1
Ω
CO = 100 µF
25
°C
TBD
PG trip-threshold voltage
VO voltage decreasing from above VPG
–40
°C to 125°C
TBD
V
PG hysteresis voltage
25
°C
TBD
mV
PG output low voltage
IPG =1 2mA
VI = 2 34 V
25
°C
TBD
V
PG output low voltage
IPG = 1.2 mA,
VI = 2.34 V
–40
°C to 125°C
TBD
V
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to CO.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com