Electronic Components Datasheet Search
  English  ▼

X  

TPS7201 Datasheet(PDF) 32 Page - Texas Instruments

Part # TPS7201
Description  MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7201 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS7201 Datasheet HTML 28Page - Texas Instruments TPS7201 Datasheet HTML 29Page - Texas Instruments TPS7201 Datasheet HTML 30Page - Texas Instruments TPS7201 Datasheet HTML 31Page - Texas Instruments TPS7201 Datasheet HTML 32Page - Texas Instruments TPS7201 Datasheet HTML 33Page - Texas Instruments TPS7201 Datasheet HTML 34Page - Texas Instruments TPS7201 Datasheet HTML 35Page - Texas Instruments TPS7201 Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
TPS7201Q, TPS7225Q, TPS7228Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102F – MARCH 1995 – REVISED NOVEMBER 1998
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
power dissipation and junction temperature
Specified regulator operation is assured to a junction temperature of 125
°C; the maximum junction temperature
allowable to avoid damaging the device is 150
°C. These restrictions limit the power dissipation that the regulator
can handle in any given application. To ensure the junction temperature is within acceptable limits, calculate
the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or equal
to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
P
D(max) +
T
J
max
* T
A
RqJA
Where
TJmax is the maximum allowable junction temperature, i.e.,150°C absolute maximum and 125°C
recommended operating temperature.
RθJA is the thermal resistance junction-to-ambient for the package, i.e., 172°C/W for the 8-terminal
SOIC and 238
°C/W for the 8-terminal TSSOP.
TA is the ambient temperature.
The regulator dissipation is calculated using:
P
D +
V
I *
V
O @
I
O
Power dissipation resulting from quiescent current is negligible.
regulator protection
The TPS72xx PMOS-pass transistor has a built-in back diode that safely conducts reverse currents when the
input voltage drops below the output voltage (e.g., during power down). Current is conducted from the output
to the input and is not internally limited. If extended reverse voltage is anticipated, external limiting might be
appropriate.
The TPS72xx also features internal current limiting and thermal protection. During normal operation, the
TPS72xx limits output current to approximately 1 A. When current limiting engages, the output voltage scales
back linearly until the overcurrent condition ends. While current limiting is designed to prevent gross device
failure, care should be taken not to exceed the power dissipation ratings of the package. If the temperature of
the device exceeds 165
°C, thermal-protection circuitry shuts it down. Once the device has cooled, regulator
operation resumes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com