Electronic Components Datasheet Search
  English  ▼

X  

TPS7201 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS7201
Description  MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7201 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS7201 Datasheet HTML 16Page - Texas Instruments TPS7201 Datasheet HTML 17Page - Texas Instruments TPS7201 Datasheet HTML 18Page - Texas Instruments TPS7201 Datasheet HTML 19Page - Texas Instruments TPS7201 Datasheet HTML 20Page - Texas Instruments TPS7201 Datasheet HTML 21Page - Texas Instruments TPS7201 Datasheet HTML 22Page - Texas Instruments TPS7201 Datasheet HTML 23Page - Texas Instruments TPS7201 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
TPS7201Q, TPS7225Q, TPS7228Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102F – MARCH 1995 – REVISED NOVEMBER 1998
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
190
180
160
150
0
50
100
150
200
220
QUIESCENT CURRENT
vs
OUTPUT CURRENT
230
200
250
170
210
IO – Output Current – mA
TA = 25°C
TPS7248 VI = 10 V
TPS7233 VI = 10 V
TPS7250 VI = 10 V
TPS7248 VI = 5.85 V
TPS7250 VI = 6.0 V
TPS7233 VI = 4.3 V
Figure 6
100
50
0
0
1
234
56
150
200
QUIESCENT CURRENT
vs
INPUT VOLTAGE
250
789
10
VI – Input Voltage – V
TA 25°C
IO = 250 mA
TPS7248
TPS7233
TPS7250
TPS7201 With
VO Programmed to 2.5 V
Figure 7
10
0
30
20
40
CHANGE IN QUIESCENT CURRENT
vs
FREE-AIR TEMPERATURE
50
–10
–20
–30
– 40
– 40 – 20
0
20
40
60
80
100
120 140
TA – Free-Air Temperature – °C
IO = 10 mA
VI = VO + 1 V
Figure 8
200
0
0
50
100
150
DROPOUT VOLTAGE
vs
OUTPUT CURRENT
400
200
250
100
300
IO – Output Current – mA
TPS7233
TPS7248
TPS7250
TA = 25°C
TPS7230
TPS7225
500
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com