Electronic Components Datasheet Search
  English  ▼

X  

TPS7201 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS7201
Description  MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7201 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS7201 Datasheet HTML 26Page - Texas Instruments TPS7201 Datasheet HTML 27Page - Texas Instruments TPS7201 Datasheet HTML 28Page - Texas Instruments TPS7201 Datasheet HTML 29Page - Texas Instruments TPS7201 Datasheet HTML 30Page - Texas Instruments TPS7201 Datasheet HTML 31Page - Texas Instruments TPS7201 Datasheet HTML 32Page - Texas Instruments TPS7201 Datasheet HTML 33Page - Texas Instruments TPS7201 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
TPS7201Q, TPS7225Q, TPS7228Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102F – MARCH 1995 – REVISED NOVEMBER 1998
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
2
→
1
→
Ch 2
VO
IO = 5 mA
Ch1
50 mV
50 mA
100
µs/div
VI = VO + 1 V
IO = 85 mA
Figure 32. Load Transient Response (CSR total = 1.7
Ω), TPS7248Q
A partial listing of surface-mount capacitors usable with the TPS72xx family is provided below. This information
(along with the stability graphs, Figures 27 through 30) is included to assist the designer in selecting suitable
capacitors.
CAPACITOR SELECTION
PART NO.
MFR.
VALUE
MAX ESR†
SIZE (H
× L × W)†
592D156X0020R2T
Sprague
15
µF, 20 V
1.1
1.2
× 7.2 × 6
595D156X0025C2T
Sprague
15
µF, 25 V
1
2.5
× 7.1 × 3.2
595D106X0025C2T
Sprague
10
µF, 25 V
1.2
2.5
× 7.1 × 3.2
695D106X0035G2T
Sprague
10
µF, 35 V
1.3
2.5
× 7.6 × 2.5
† Size is in mm. ESR is maximum resistance in ohms at 100 kHz and TA = 25°C. Listings are sorted by height.
sense-pin connection
SENSE must be connected to OUT for proper operation of the regulator. Normally this connection should be
as short as possible; however, remote sense may be implemented in critical applications when proper care of
the circuit path is exercised. SENSE internally connects to a high-impedance wide-bandwidth amplifier through
a resistor-divider network, and any noise pickup on the PCB trace will feed through to the regulator output.
SENSE must be routed to minimize noise pickup. Filtering SENSE using an RC network is not recommended
because of the possibility of inducing regulator instability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com