Electronic Components Datasheet Search
  English  ▼

X  

TPS7201 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS7201
Description  MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7201 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS7201 Datasheet HTML 14Page - Texas Instruments TPS7201 Datasheet HTML 15Page - Texas Instruments TPS7201 Datasheet HTML 16Page - Texas Instruments TPS7201 Datasheet HTML 17Page - Texas Instruments TPS7201 Datasheet HTML 18Page - Texas Instruments TPS7201 Datasheet HTML 19Page - Texas Instruments TPS7201 Datasheet HTML 20Page - Texas Instruments TPS7201 Datasheet HTML 21Page - Texas Instruments TPS7201 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
TPS7201Q, TPS7225Q, TPS7228Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102F – MARCH 1995 – REVISED NOVEMBER 1998
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, IO = 10 mA, EN = 0 V, CO = 4.7 µF (CSR† = 1 Ω), TJ = 25°C, SENSE shorted
to OUT (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS‡
TPS7250Y
UNIT
PARAMETER
TEST CONDITIONS‡
MIN
TYP
MAX
UNIT
Output voltage
VI = 6 V,
IO = 10 mA
5
V
VI = 4.88 V
IO = 10 mA
8
Dropout voltage
VI = 4.88 V
IO = 100 mA
76
mV
VI = 4.88 V,
IO = 250 mA
190
Pass-element series resistance
(4.88 V – VO)/IO,
IO = 250 mA
VI = 4.88 V,
0.76
Ω
Input regulation
VI = 6 V to 10 V,
50
µA ≤ IO ≤ 250 mA
mV
Output regulation
6 V
≤ VI ≤ 10 V,
IO = 5 mA to 250 mA
46
mV
Output regulation
6 V
≤ VI ≤ 10 V,
IO = 50 µA to 250 mA
59
mV
Ripple rejection
VI = 6 V,
IO = 50 µA
52
dB
Ripple rejection
I
,
f = 120 Hz
IO = 250 mA
46
dB
Output noise spectral density
VI = 6 V,
f = 120 Hz
2
µV/√Hz
VI = 6V,
CO = 4.7 µF
390
Output noise voltage
VI = 6 V,
10 Hz
≤ f ≤ 100 kHz,
CSR†
CO = 10 µF
300
µVrms
CSR† = 1
Ω
CO = 100 µF
175
PG hysteresis voltage
VI = 6 V
50
mV
PG output low voltage
VI = 4.25 V,
IPG = 1.2 mA
0.19
V
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to CO.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com