Electronic Components Datasheet Search
  English  ▼

X  

TPS7201 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS7201
Description  MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7201 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS7201 Datasheet HTML 15Page - Texas Instruments TPS7201 Datasheet HTML 16Page - Texas Instruments TPS7201 Datasheet HTML 17Page - Texas Instruments TPS7201 Datasheet HTML 18Page - Texas Instruments TPS7201 Datasheet HTML 19Page - Texas Instruments TPS7201 Datasheet HTML 20Page - Texas Instruments TPS7201 Datasheet HTML 21Page - Texas Instruments TPS7201 Datasheet HTML 22Page - Texas Instruments TPS7201 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
TPS7201Q, TPS7225Q, TPS7228Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102F – MARCH 1995 – REVISED NOVEMBER 1998
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IQ
Quiescent current
vs Output current
5
IQ
Quiescent current
vs Input voltage
6
∆IQ†
Change in quiescent current
vs Free-air temperature
7
VDO
Dropout voltage
vs Output current
8
∆VDO
Change in dropout voltage
vs Free-air temperature
9
VDO
Dropout voltage (TPS7201 only)
vs Output current
10
rDS(on)
Pass-element series resistance
vs Input voltage
11
∆VO
Change in output voltage
vs Free-air temperature
12
VO
Output voltage
vs Input voltage
13
Line regulation
vs Input voltage
14
Load regulation
(TPS7225, TPS7233, TPS7248, TPS7250)
vs Input voltage
15
VO(PG)
Power-good (PG) voltage
vs Output voltage
16
rDS(on)PG
Power-good (PG) on-resistance
vs Input voltage
17
VI
Minimum input voltage for valid PG
vs Free-air temperature
18
Output voltage response from enable (EN)
vs Time
19
Load transient response (TPS7201/ TPS7233)
vs Time
20
Load transient response (TPS7248/ TPS7250)
vs Time
21
Line transient response (TPS7201)
vs Time
22
Line transient response (TPS7233)
vs Time
23
Line transient response (TPS7248/ TPS7250)
vs Time
24
Ripple rejection
vs Frequency
25
Output Spectral Noise Density
vs Frequency
26
vs Output current (CO = 4.7 µF)
27
Compensation series resistance (CSR)
vs Added ceramic capacitance (CO = 4.7 µF)
28
Compensation series resistance (CSR)
vs Output current (CO = 10 µF)
29
vs Added ceramic capacitance (CO = 10 µF)
30
† This symbol is not currently listed within EIA or JEDEC standards for semiconductor symbology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com