Electronic Components Datasheet Search
  English  ▼

X  

TPS7201 Datasheet(PDF) 27 Page - Texas Instruments

Part # TPS7201
Description  MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7201 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS7201 Datasheet HTML 23Page - Texas Instruments TPS7201 Datasheet HTML 24Page - Texas Instruments TPS7201 Datasheet HTML 25Page - Texas Instruments TPS7201 Datasheet HTML 26Page - Texas Instruments TPS7201 Datasheet HTML 27Page - Texas Instruments TPS7201 Datasheet HTML 28Page - Texas Instruments TPS7201 Datasheet HTML 29Page - Texas Instruments TPS7201 Datasheet HTML 30Page - Texas Instruments TPS7201 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
TPS7201Q, TPS7225Q, TPS7228Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102F – MARCH 1995 – REVISED NOVEMBER 1998
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 27
0.1
0.01
0
50
100
150
200
250
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE (CSR)†
vs
OUTPUT CURRENT
10
100
IO – Output Current – mA
Region of Instability
1
TA = 25°C
VI = VO + 1 V
CO = 4.7 µF
No Added Ceramic Capacitance
No Input Capacitance Added
Region of Instability
Figure 28
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE (CSR)†
vs
ADDED CERAMIC CAPACITANCE
10
100
Added Ceramic Capacitance –
µF
0.6
0.7 0.8
0.9
1
1
TA = 25°C
VI = VO + 1 V
IO = 250 mA
CO = 4.7 µF
No Input Capacitor Added
Region of Instability
Region of
Instability
Figure 29
0.1
0.01
0
50
100
150
200
250
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE (CSR)†
vs
OUTPUT CURRENT
10
100
IO – Output Current – mA
1
Region of Instability
TA = 25°C
VI = VO + 1 V
CO = 10 µF
No Added Ceramic Capacitance
No Input Capacitor Added
Region of Instability
Figure 30
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE (CSR)†
vs
ADDED CERAMIC CAPACITANCE
10
100
Added Ceramic Capacitance –
µF
1
0.6
0.7 0.8
0.9
1
Region of Instability
TA = 25°C
VI = VO + 1 V
IO = 250 mA
CO = 10 µF
No Input Capacitor Added
Region of
Instability
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to CO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com