Electronic Components Datasheet Search
  English  ▼

X  

TPS7201 Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS7201
Description  MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7201 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS7201 Datasheet HTML 25Page - Texas Instruments TPS7201 Datasheet HTML 26Page - Texas Instruments TPS7201 Datasheet HTML 27Page - Texas Instruments TPS7201 Datasheet HTML 28Page - Texas Instruments TPS7201 Datasheet HTML 29Page - Texas Instruments TPS7201 Datasheet HTML 30Page - Texas Instruments TPS7201 Datasheet HTML 31Page - Texas Instruments TPS7201 Datasheet HTML 32Page - Texas Instruments TPS7201 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
TPS7201Q, TPS7225Q, TPS7228Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102F – MARCH 1995 – REVISED NOVEMBER 1998
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
C1
0.1
µF
NOTE A: TPS7225, TPS7228†, TPS7230, TPS7233, TPS7248,
TPS7250 (fixed-voltage options).
SENSE
PG
OUT
OUT
6
5
4
IN
IN
EN
GND
3
2
1
7
8
VI
PG
CSR = 1
Ω
VO
10
µF
+
TPS72xx
(see Note A)
250 k
Ω
† This device is in the product preview stage of development.
Please contact the local TI sales office for availability.
Figure 31. Typical Application Circuit
external capacitor requirements
Although not required, a 0.047-
µF to 0.1-µF ceramic bypass input capacitor, connected between IN and GND
and located close to the TPS72xx, is recommended to improve transient response and noise rejection. A
higher-value electrolytic input capacitor may be necessary if large, fast-rise-time load transients are anticipated
and the device is located several inches from the power source.
An output capacitor is required to stabilize the internal feedback loop. For most applications, a 10-
µF to 15-µF
solid-tantalum capacitor with a 0.5-
Ω resistor (see capacitor selection table) in series is sufficient. The maximum
capacitor ESR should be limited to 1.3
Ω to allow for ESR doubling at cold temperatures. Figure 32 shows the
transient response of a 5-mA to 85-mA load using a 10-
µF output capacitor with a total ESR of 1.7 Ω.
A 4.7-
µF solid-tantalum capacitor in series with a 1-Ω resistor may also be used (see Figures 27 and 28)
provided the ESR of the capacitor does not exceed 1
Ω at room temperature and 2 Ω over the full operating
temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com