Electronic Components Datasheet Search
  English  ▼

X  

TPS7201 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS7201
Description  MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7201 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS7201 Datasheet HTML 18Page - Texas Instruments TPS7201 Datasheet HTML 19Page - Texas Instruments TPS7201 Datasheet HTML 20Page - Texas Instruments TPS7201 Datasheet HTML 21Page - Texas Instruments TPS7201 Datasheet HTML 22Page - Texas Instruments TPS7201 Datasheet HTML 23Page - Texas Instruments TPS7201 Datasheet HTML 24Page - Texas Instruments TPS7201 Datasheet HTML 25Page - Texas Instruments TPS7201 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
TPS7201Q, TPS7225Q, TPS7228Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102F – MARCH 1995 – REVISED NOVEMBER 1998
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
3
2
1
0
01
2
3
4
5
6
4
4.5
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
5.5
78
9
10
5
3.5
2.5
1.5
0.5
VI – Input Voltage – V
TPS7250
TPS7248
TPS7233
TA = 25°C
IO = 250 mA
TPS7201 With
VO Programmed to 2.5 V
Figure 14
4
4.5
5
6 6.5
7 7.5
LINE REGULATION
8
8.5
9.5 10
5.5
9
25
20
15
10
5
0
–5
–10
–15
–20
–25
TPS7250
TPS7233
TPS7248
TA = 25°C
IO = 250 mA
VI – Input Voltage – V
TPS7201 With
VO Programmed to 2.5 V
Figure 15
0
50
100
150
200
250
50
40
30
20
10
0
–10
–20
–30
–40
–50
IO – Output Current – mA
TA = 25°C
TPS7233
TPS7250
TPS7248
TPS7225
LOAD REGULATION
Figure 16
POWER-GOOD (PG) VOLTAGE
vs
OUTPUT VOLTAGE†
GND
0
92
93
94
95
6
96
98
TA = 25°C
PG Pulled Up to VI With 5 kΩ Resistor
VO – Output Voltage – %
97
VI
† VO as a percent of VOnom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com