Electronic Components Datasheet Search
  English  ▼

X  

TPS51113 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51113
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51113 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS51113 Datasheet HTML 2Page - Texas Instruments TPS51113 Datasheet HTML 3Page - Texas Instruments TPS51113 Datasheet HTML 4Page - Texas Instruments TPS51113 Datasheet HTML 5Page - Texas Instruments TPS51113 Datasheet HTML 6Page - Texas Instruments TPS51113 Datasheet HTML 7Page - Texas Instruments TPS51113 Datasheet HTML 8Page - Texas Instruments TPS51113 Datasheet HTML 9Page - Texas Instruments TPS51113 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TERMINAL INFORMATION
TPS51113DRC
TPS51163DRC
1
4
3
2
5
10
7
8
9
6
BOOT
LDRV_OC
HDRV
SW
GND
PGOOD
COMP_EN
FB
VOS
VDD
TPS51113, TPS51163
SLUS864 – MAY 2009........................................................................................................................................................................................................ www.ti.com
TERMINAL FUNCTIONS
TERMINAL
PIN
NAME
NO.
I/O
DESCRIPTION
Gate drive voltage for the high-side N-channel MOSFET. Typically, a 100 nF capacitor must be connected between this pin
BOOT
1
I
and SW. Also, a diode from VDD to BOOT should be externally provided.
Output of the error amplifier and the shutdown pin. Pulling the voltage on this pin lower than 800 mV shuts the controller
COMP_EN
7
I/O
down.
Inverting input to the error amplifier. In normal operation, the voltage on this pin is equal to the internal reference voltage of
FB
8
I
800 mV.
GND
5
–
Common reference for the device.
HDRV
3
O
Gate drive output for the high-side N-channel MOSFET.
Gate drive output for the low-side or rectifier MOSFET. The set point is read during start up calibration with the 10
µA
LDRV_OC
4
O
current source present.
PGOOD
10
O
Open drain power good output. An external pull-up resistor is required.
SW
2
O
Sense line for the adaptive anti-cross conduction circuitry. Serves as common connection for the flying high-side FET driver.
VDD
6
I
Power input to the controller, 4.5 V to 13.2 V.
Input to set undervoltage and overvoltage protections. Undervoltage protection occurs when VOS voltage is lower than 600
mV. The controller shuts down with both MOSFETs latched off. Overvoltage protection occurs when VOS voltage is higher
VOS
9
I
than 1V, the upper MOSFET is turned off and the lower MOSFET is forced on until VOS voltage reaches 400 mV. Then the
lower MOSFET is also turned off. After the undervoltage or overvoltage events, normal operation can be restored only by
cycling the VDD voltage.
SON PACKAGE
(TOP VIEW)
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51113 TPS51163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com