Electronic Components Datasheet Search
  English  ▼

X  

TPS51113 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51113
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51113 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS51113 Datasheet HTML 7Page - Texas Instruments TPS51113 Datasheet HTML 8Page - Texas Instruments TPS51113 Datasheet HTML 9Page - Texas Instruments TPS51113 Datasheet HTML 10Page - Texas Instruments TPS51113 Datasheet HTML 11Page - Texas Instruments TPS51113 Datasheet HTML 12Page - Texas Instruments TPS51113 Datasheet HTML 13Page - Texas Instruments TPS51113 Datasheet HTML 14Page - Texas Instruments TPS51113 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
APPLICATION INFORMATION
EXTERNAL PARTS SELECTION
CHOOSING THE INDUCTOR
(
)
V
V
V
IN
OUT
OUT
L
V
I
f
IN
RIPPLE
SW
-
´
=
´
´
(2)
CALCULATING OUTPUT CAPACITANCE
RIPPLE
1
V
I
ESR
8
C
f
OUT
SW
æ
ö
ç
÷
D =
´
+
ç
÷
´
´
è
ø
(3)
( ) ( )
2
2
1
E
L
I
I
L
OH
OL
2
æ
ö
=
´ ´
-
ç
÷
è
ø
(4)
( ) ( )
(
)
2
2
C
OUT
1
E
C
Vf
Vi
2
=
´
´
-
(5)
TPS51113, TPS51163
www.ti.com........................................................................................................................................................................................................ SLUS864 – MAY 2009
The value of the output filtering inductor determines the magnitude of the current ripple, which also affects the
output voltage ripple for a certain output capacitance value. Increasing the inductance value reduces the ripple
current, and thus, results in reduced conduction loss and output ripple voltage. On the other hand, low
inductance value is needed due to the demand of low profile and fast transient response. Therefore, it is
important to obtain a compromise between the low ripple current and low inductance value.
In practical application, to ensure high power conversion efficiency at light load condition, the peak-to-peak
current ripple is usually designed to be between 1/4 to 1/2 of the rated load current. Since the magnitude of the
current ripple is determined by inductance value, switching frequency, input voltage and output voltage, the
required inductance value for a certain required ripple
∆I is shown in Equation 2,
where
• V
IN is the input voltage
• V
OUT is the output voltage
• I
RIPPLE is the required current ripple
• f
SW is the switching frequency
When the inductance value is determined, the output capacitance value can also be derived according to the
output ripple voltage and output load transient response requirement. The output ripple voltage is a function of
both the output capacitance and capacitor ESR. Considering the worst case and assume the capacitance value
is COUT, the peak-to-peak ripple voltage can be derived in Equation 3.
Thus, output capacitors with suitable ESR and capacitance value should be chosen to meet the ripple voltage
(
ΔV) requirement.
Minimum capacitance value is also calculated according to the demand of the load transient response. When the
load current changes, the energy that the inductor needs to release or absorb is derived in Equation 4.
At the same time, the energy that is delivered to or provided by the output capacitor can also be derived as
shown in Equation 5.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS51113 TPS51163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com