Electronic Components Datasheet Search
  English  ▼

X  

TPS51113 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51113
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51113 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51113 Datasheet HTML 6Page - Texas Instruments TPS51113 Datasheet HTML 7Page - Texas Instruments TPS51113 Datasheet HTML 8Page - Texas Instruments TPS51113 Datasheet HTML 9Page - Texas Instruments TPS51113 Datasheet HTML 10Page - Texas Instruments TPS51113 Datasheet HTML 11Page - Texas Instruments TPS51113 Datasheet HTML 12Page - Texas Instruments TPS51113 Datasheet HTML 13Page - Texas Instruments TPS51113 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
OVERCURRENT PROTECTION
( )
RIPPLE
OC
LDS on
OCSET
I
R
I
2
R
10 A
æ
ö
´
-
ç
÷
è
ø
=
m
(1)
OVERVOLTAGE (OV) AND UNDERVOLTAGE (UV) PROTECTION
PGOOD
TPS51113, TPS51163
SLUS864 – MAY 2009........................................................................................................................................................................................................ www.ti.com
Overcurrent detection is done by comparing a user programmable threshold with the voltage drop across the
low-side FET at the end of the switching period (The low-side FET is on). The OC threshold is set with a single
external resistor connected from the LDRV_OC pin to GND.
The overcurrent programming circuit applies 10-
µA of current to the LDRV_OC pin during the calibration phase
of the start-up sequence. Voltage drop on the LDRV_OC pin is measured and digitized, and the related code is
stored in the internal latch. This code determines a reference level for the overcurrent comparator. The value of
the OC set resistor ROCSET can be determined in Equation 1.
where
• R
LDS(on) is the drain-to-source resistance of the lower MOSFET in the ON state
• I
OC is the desired value of the overcurrent protection threshold for load current
• I
RIPPLE is the peak-to-peak amplitude of the inductor ripple current
• the valley of the inductor current is compared with the overcurrent threshold for protection
When the controller senses the overcurrent condition for more than two clock cycles, both the upper and the
lower MOSFETs are latched off. To restart the controller, the VDD input should be cycled.
If the overcurrent set resistor value is higher than 50 k
Ω, for example, the voltage drop on the LDRV_OC pin
exceeds 0.5 V, the controller stays in the calibration state without entering soft-start. This prevents the controller
from being activated if the overcurrent set resistor is missing.
The controller employs the dedicated VOS input to set output undervoltage and overvoltage protections. A
resistor divider with the same ratio as on the FB input is recommended for the VOS input. The overvoltage and
undervoltage thresholds for VOS are set to 25% of the internal reference, which is 800 mV.
When the voltage on VOS is lower than 600 mV, the undervoltage protection is triggered. The controller is
latched off with both the upper and lower MOSFETs turned off.
When the voltage on VOS is higher than 1 V, the overvoltage protection is activated. In the event of overvoltage,
the upper MOSFET is turned off and the lower MOSFET is forced on until VOS voltage reaches 400 mV. Then
the lower MOSFET is also turned off, and the controller is latched off.
After both the undervoltage and overvoltage events, normal operation can only be restored by cycling the VDD
voltage.
The TPS51113 and TPS51163 have a power good output that indicates HIGH when the output voltage is within
the target range. The PGOOD function is activated as soon as the soft-start ends. When the output voltage goes
± 10% outside of the target value, PGOOD goes low. When the output voltage returns to be within ± 6% of the
target value, PGOOD signal goes HIGH again. The PGOOD output is an open drain and needs external pull up
resistor.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51113 TPS51163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com