Electronic Components Datasheet Search
  English  ▼

X  

TPS51113 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51113
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51113 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS51113 Datasheet HTML 11Page - Texas Instruments TPS51113 Datasheet HTML 12Page - Texas Instruments TPS51113 Datasheet HTML 13Page - Texas Instruments TPS51113 Datasheet HTML 14Page - Texas Instruments TPS51113 Datasheet HTML 15Page - Texas Instruments TPS51113 Datasheet HTML 16Page - Texas Instruments TPS51113 Datasheet HTML 17Page - Texas Instruments TPS51113 Datasheet HTML 18Page - Texas Instruments TPS51113 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
( )
(
)
(
)
(
)
(
)
(
)
2
1
1
3
3
2
1
2
1
1
2
3
3
1
2
sR C
1
s R
R
C
1
G s
R C C
sR
C
C
s
1
sR C
1
C
C
+
´
+
+
=
æ
ö
æ
ö
+
´
+
´
+
ç
÷
ç
÷
ç
÷
+
è
ø
è
ø
(21)
Z1
2
1
1
f
2
R
C
=
p ´
´
(22)
(
)
(
)
P1
1
2
2
1
2
1
f
C
C
2
R
C
C
=
æ
ö
´
p ´
´ ç
÷
ç
÷
+
è
ø
(23)
P2
3
3
1
f
2
R
C
=
p ´
´
(24)
(
)
Z2
1
3
3
1
f
2
R
R
C
=
p ´
+
´
(25)
(
)
C
1
1
2
1
f
2
R
C
C
=
p ´
´
+
(26)
1
BIAS
OUT
0.8
R
R
V
0.8
´
=
-
(27)
TPS51113, TPS51163
www.ti.com........................................................................................................................................................................................................ SLUS864 – MAY 2009
fP1 is usually used to cancel the ESR zero in Equation 20. fP2 can be placed at higher frequency in order to
attenuate the high frequency noise and the switching ripple. fZ1 and fZ2 are chosen to be lower than the switching
frequency, and fZ1 is lower than resonant frequency f0. Suitable values can be selected to achieve the
compromise between high phase margin and fast response. A phase margin of over 60° is usually
recommended. Then, the compensator gain is chosen to achieve the desired bandwidth.
The value of RBIAS is calculated to set the output voltage VOUT.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :TPS51113 TPS51163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com