Electronic Components Datasheet Search
  English  ▼

X  

TPS51113 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51113
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51113 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS51113 Datasheet HTML 8Page - Texas Instruments TPS51113 Datasheet HTML 9Page - Texas Instruments TPS51113 Datasheet HTML 10Page - Texas Instruments TPS51113 Datasheet HTML 11Page - Texas Instruments TPS51113 Datasheet HTML 12Page - Texas Instruments TPS51113 Datasheet HTML 13Page - Texas Instruments TPS51113 Datasheet HTML 14Page - Texas Instruments TPS51113 Datasheet HTML 15Page - Texas Instruments TPS51113 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
( ) ( )
(
)
( ) ( )
2
2
OH
OL
OUT
2
2
f
i
L
I
I
C
V
V
´
-
=
-
(6)
INPUT CAPACITOR SELECTION
( )
(
)
I
V
OUT
OUT
V
RIPPLE C
C
V
f
IN
IN
SW
IN m in
´
=
´
´
(7)
(
)
1
V
ESR
I
I
C
OUT
RIPPLE
RIPPLE ESR _ C
2
IN
IN
æ
ö
=
´
+ ´
ç
÷
è
ø
(8)
CHOOSING MOSFETS
(
) (
)2
I
2
RIPPLE
I
D
I
RMS1
OUT
12
æ
ö
ç
÷
=
´
+
ç
÷
ç
÷
è
ø
(9)
(
)
( )
2
COND1
RMS1
DS ON 1
P
I
R
=
´
(10)
TPS51113, TPS51163
SLUS864 – MAY 2009........................................................................................................................................................................................................ www.ti.com
As a result, to meet the load transient response demand, the minimum output capacitance should be
where
• I
OH is the output current under heavy load conditions
• I
OL is the output current under light load conditions
• V
ƒ is the final peak capacitor voltage
• V
i is the initial capacitor voltage
By considering the demand of both output ripple voltage and load transient response, the minimum output
capacitance can be determined.
For a certain rated load current, input and output voltage, the input ripple voltage caused by the input
capacitance value and ESR are shown in Equation 7 and Equation 8, respectively.
Based on the required input voltage ripple, suitable capacitors can be chosen by using the above equations.
Choosing suitable MOSFETs is extremely important to achieve high power conversion efficiency for the
converter. For a buck converter, suitable MOSFETs should not only meet the requirement of voltage and current
rating, but also ensure low power loss.
High-Side MOSFET
Power loss of the high-side MOSFETs primarily consists of the conduction loss (PCOND1) and the switching loss
(PSW1).
The conduction loss of the high-side MOSFET is the I2R loss in the MOSFET’s on-resistance, RDS(on)1. The RMS
value of the current passing through the top MOSFET depends on the average load current, ripple current and
duty cycle the converter is operating.
The conduction loss can, thus, be calculated as follows.
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51113 TPS51163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com