Electronic Components Datasheet Search
  English  ▼

X  

LT3582 Datasheet(PDF) 15 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3582 Datasheet HTML 11Page - Linear Technology LT3582 Datasheet HTML 12Page - Linear Technology LT3582 Datasheet HTML 13Page - Linear Technology LT3582 Datasheet HTML 14Page - Linear Technology LT3582 Datasheet HTML 15Page - Linear Technology LT3582 Datasheet HTML 16Page - Linear Technology LT3582 Datasheet HTML 17Page - Linear Technology LT3582 Datasheet HTML 18Page - Linear Technology LT3582 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LT3582/LT3582-5/LT3582-12
15
3582512f
disconnect current limit being reached D) additional ring-
ing occurs when the CAPP pin starts charging E) output
voltage overshoot occurs because the inductor currents
are maximized during the output ramp up.
In some cases it may be desirable to use only one RAMP
pin capacitor. In cases where PUSEQ = 11 (see Power-Up
Sequencing section) the RAMPP & RAMPN pins can be
connected together and to a single capacitor. In this case
the capacitor will charge with twice the current configured
by the IRMP bits.
Ramping VOUTP from Ground: The LT3582 series has
the unique ability to generate a smooth VOUTP voltage
ramp starting from ground and continuing all the way up
to regulation (see Figure 6). This ability is not possible
with typical Boost converters in which the output is taken
from the cathode of the Schottky diode (CAPP node in
Figure 5).
The LT3582 series incorporates an output disconnect
PMOS allowing VOUTP to be grounded during shutdown.
L1
D1
SWP
C1
VOUTP
C3
VIN
C2
CAPP
LT3582
SERIES
DISCONNECT
CONTROL
LOAD
3582512 F05
APPLICATIONS INFORMATION
Once enabled, the Disconnect Control circuit actively
drives the PMOS gate allowing VOUTP to ramp up linearly
as shown in Figure 6. Once VOUTP reaches regulation,
the PMOS is fully turned “on” to reduce resistance and
improve efficiency.
Power-Up Sequencing (PUSEQ bits)
Once enabled, the part requires a delay of TSTARTUP (64μs
typ) to properly configure itself. Once configured, the order
in which VOUTP and VOUTN ramp to regulation is controlled
by the PUSEQ bits. The combinations available for the
LT3582 are shown in Table 2. The LT3582-5/LT3582-12
are pre-configured with the 11 combination.
Table 2. Power-Up Sequences
PUSEQ[1:0]
Power-Up Sequence
00
Outputs are disabled, neither output ramps up
01
VOUTN ramps up 1st, followed by VOUTP
10
VOUTP ramps up 1st, followed by VOUTN
11
Both VOUTP & VOUTN ramp up starting at the
same time.
Selecting the 01 or 10 combinations cause one of the out-
puts to start ramping shortly after SHDN rises. The ramp
rate of VOUT is controlled by the RAMP pin as discussed in
the Soft-Start section. After VOUT nears its target regula-
tion voltage, the remaining output is activated and ramps
Figure 5: Boost Converter Topology
Figure 6: VOUTP Soft-Start Ramping from Ground
Figure 7: VOUTP Soft-Start with Excessive Ramp Rate
3582512 F06
CAPP
2V/DIV
IL2
0.2A/DIV
VRAMPP
0.2V/DIV
VOUTP
2V/DIV
5μs/DIV
3582512 F07
VOUTP
3V/DIV
VRAMPP
0.5V/DIV
CAPP
3V/DIV
IL2
0.2A/DIV
50μs/DIV
A
C
E
BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com