Electronic Components Datasheet Search
  English  ▼

X  

LT3582 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3582 Datasheet HTML 20Page - Linear Technology LT3582 Datasheet HTML 21Page - Linear Technology LT3582 Datasheet HTML 22Page - Linear Technology LT3582 Datasheet HTML 23Page - Linear Technology LT3582 Datasheet HTML 24Page - Linear Technology LT3582 Datasheet HTML 25Page - Linear Technology LT3582 Datasheet HTML 26Page - Linear Technology LT3582 Datasheet HTML 27Page - Linear Technology LT3582 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LT3582/LT3582-5/LT3582-12
24
3582512f
TYPICAL APPLICATION
LT3582
VIN
SWP
CAPP
VNEG
–5V
100mA (VIN ≥ 2.7V)
125mA (VIN ≥ 3.3V)
CAPP
VPP
SDA
SCL
CA
GND
SWN
SWN
VOUTN
I2C
INTERFACE
VOUTP
SHDN
INPUT
2.7V TO 3.8V
VPOS
5V
110mA (VIN ≥ 2.7V)
150mA (VIN ≥ 3.3V)
REG0/OTP0 = 24h
REG1/OTP1 = 4Ch
REG2/OTP2 = 03h
D1-D2: DIODES INC. B0540WS-7
L1-L2: COILCRAFT LPS4018-682ML
C1: 4.7μF, 6.3V, X5R, 0805
C2-C3: 10μF, 6.3V, X5R, 0805
C4: 1μF, 6.3V, X5R, 0603
C5-C6: 22nF, 0603
L1
6.8μH
D1
C2
10μF
RAMPN
RAMPP
C1
4.7μF
C6
22nF
C5
22nF
D2
C3 10μF
L2 6.8μH
3582512 TA03
OPTIONAL ON
LT3582-5
()
±5V Outputs from a Single 2.7V to 3.8V Input (Improved Efficiency)
Efficiency and Power Loss, Load from VOUTP to GND
LOAD CURRENT (mA)
0.1
35
45
65
85
80
70
60
50
40
30
20
10
0
55
75
95
1
10
100
3582512 TA03a
VIN = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com