Electronic Components Datasheet Search
  English  ▼

X  

LT3582 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3582 Datasheet HTML 14Page - Linear Technology LT3582 Datasheet HTML 15Page - Linear Technology LT3582 Datasheet HTML 16Page - Linear Technology LT3582 Datasheet HTML 17Page - Linear Technology LT3582 Datasheet HTML 18Page - Linear Technology LT3582 Datasheet HTML 19Page - Linear Technology LT3582 Datasheet HTML 20Page - Linear Technology LT3582 Datasheet HTML 21Page - Linear Technology LT3582 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT3582/LT3582-5/LT3582-12
18
3582512f
10. Read the OTP data and verify the contents.
11. Write 00h to CMDR. This enables the power switches
and the chip will operate from the OTP configura-
tion.
12. Float the VPP pin. This can be done at any time
after step 8.
Choosing Inductors
Several series of inductors that work well with the LT3582
series are listed in Table 3. This table is not complete, and
there are many other manufacturers and parts that can
be used. Consult each manufacturer for more detailed
information and for their entire selection of related parts,
as many different sizes and shapes are available.
Table 3: Inductor Manufacturers
Coilcraft
LPS3008-LPS4018 Series,
XPL2010 Series
www.coilcraft.com
Murata
LQH32C, LQH43C Series
www.murata.com
Sumida
CDRH26D09, CDRH26D11,
CDRH3D14 Series
www.sumida.com
TDK
VLF and VLCF Series
www.tdk.com
Würth
Elektronik
WE-TPC Series Type T, TH,
XS and S
www.we-online.com
Inductances of 2.2μH-10μH typically result in a good
tradeoff between inductor size and system performance.
More inductance typically yields an increase in efficiency
at the expense of increased output ripple. Less inductance
may be used in a given application depending on required
efficiency and output current. For higher efficiency, choose
inductors with high frequency core material, such as ferrite,
to reduce core losses. Also to improve efficiency, choose
inductors with more volume for a given inductance. The
inductor should have low DCR (copper-wire resistance)
to reduce I2R losses, and must be able to handle the peak
inductor current without saturating. To minimize radiated
noise, use a toroidal or shielded inductor (note that the
inductance of shielded types will drop more as current
increases, and will saturate more easily).
Peak Current Rating: Real inductors can experience
a drop in inductance as current and temperature
increase. The inductors should have saturation cur-
rent ratings higher than the peak inductor currents.
The peak inductor currents can be calculated as:
I
PK ≅ ILIMIT +
V
LSWON • TOS
L
mA
where:
IPK
= Peak inductor current
ILIMIT
= Typically 350mA for Boost and 600mA for
Inverting
L
= Inductance in μH
VLSWON = Maximum inductor voltage when the
power switch is “on”. Typically max VIN
for the Boost and Inverting converters.
TOS
= 100 for Boost and 125 for Inverting
Maximum Load Currents: Use one of the following equa-
tions to estimate the maximum output load current for the
positive and negative output voltages:
I
OUTP =
V
IN(MIN)
V
OUTP
⎛
⎝
⎜
⎞
⎠
⎟• IPK –
T
OFF _ MIN •(VOUTP + 0.5 – VIN(MIN))
2• L
⎛
⎝
⎜
⎞
⎠
⎟• 0.8η
or I
OUTN =
V
IN(MIN)
V
IN(MIN)+ |VOUTN |
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟•
I
PK –
T
OFF _ MIN •(| VOUTN | +0.5)
2• L
⎛
⎝
⎜
⎞
⎠
⎟• 0.8η
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com