Electronic Components Datasheet Search
  English  ▼

X  

LT3582 Datasheet(PDF) 17 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3582 Datasheet HTML 13Page - Linear Technology LT3582 Datasheet HTML 14Page - Linear Technology LT3582 Datasheet HTML 15Page - Linear Technology LT3582 Datasheet HTML 16Page - Linear Technology LT3582 Datasheet HTML 17Page - Linear Technology LT3582 Datasheet HTML 18Page - Linear Technology LT3582 Datasheet HTML 19Page - Linear Technology LT3582 Datasheet HTML 20Page - Linear Technology LT3582 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT3582/LT3582-5/LT3582-12
17
3582512f
Since the LT3582 series won’t power-down until both
outputs are discharged (when power-down sequencing
is enabled), make sure VOUTP & VOUTN can be grounded.
This is not a problem in most topologies. However, read
the section Output Disconnect Operating Limits for ad-
ditional information.
Configuration Lockout (LOCK bit)
After a desired configuration is programmed into OTP, the
LOCK bit can be set to prohibit subsequent changes to the
configuration. The LT3582-5 and LT3582-12 are precon-
figured with the LOCK bit set to a logic “1” which:
• Forces the chip to use the OTP configuration
only.
• Forces all I2C reads from addresses 0-2 to return
OTP data.
• Prohibits any further programming of the OTP
memory. Any further attempts to program OTP leaves
the OTP memory unchanged and sets the FAULT bit
in the CMDR.
The LOCK OTP bit is set by programming a logic “1” into
bit 6 of OTP2. Regardless of the RSEL2 setting, I2C reads
of the LOCK bit always indicate the LOCKed or unlocked
state of the OTP memory.
OTP Programming (LT3582 only)
The LT3582 contains One Time Programmable non-vola-
tile memory to permanently store the chip configuration.
Before programming, it’s recommended to set the SWOFF
bit to disable switching activity and prevent unexpected
chip behavior while the configuration is being changed.
Programming involves the transfer of information from
the REG bytes to the OTP bytes. Therefore, valid data
must first be written to the desired REG bytes. After the
REG bytes are written, they are selected by setting the
corresponding RSEL bits in the CMDR. This forces the chip
into the desired configuration and selects those bytes for
programming to OTP. After 15V has been applied to VPP,
the WOTP bit is set in the CMDR to start the programming.
Finally, the WOTP bit is cleared to finish the programming.
An example programming algorithm is given below.
OTP programming draws about 3-6mA per bit from the
VPP pin. It is possible to program all 23 bits simultane-
ously (up to ~138mA), but it is recommended that one byte
is programmed at a time to reduce noise on VPP caused
by the sudden change in current. A 1-10μF VPP bypass
capacitor is also recommended to prevent voltage droop
after programming begins. Also, avoid hot-plugging VPP
which results in very fast voltage ramp rates and can lead
to excessive voltage on the VPP pin.
Example OTP Programming Algorithm:
1. Apply 15V to the VPP pin. This can be done at any
time before step 5.
2. Write 50h to the CMDR. This disables the power
switches during programming by setting the SWOFF
bit in the CMDR. This also clears the FAULT bit.
3. Write desired data to REG0-REG2.
4. Write 11h to the CMDR. This selects REG0 for pro-
gramming while keeping the switches off.
5. Write 91h to the CMDR. This programs the REG0
data to OTP0.
6. Write 11h to the CMDR. This command can be sent
immediately after step 5. This stops the program-
ming.
7. Read the CMDR and verify that the FAULT bit is
not set.
8. Repeat steps 4-7 for the remaining bytes that need
programming.
9. Write 10h to the CMDR. This selects the OTP data
for read verification.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com