Electronic Components Datasheet Search
  English  ▼

X  

LT3582 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3582 Datasheet HTML 16Page - Linear Technology LT3582 Datasheet HTML 17Page - Linear Technology LT3582 Datasheet HTML 18Page - Linear Technology LT3582 Datasheet HTML 19Page - Linear Technology LT3582 Datasheet HTML 20Page - Linear Technology LT3582 Datasheet HTML 21Page - Linear Technology LT3582 Datasheet HTML 22Page - Linear Technology LT3582 Datasheet HTML 23Page - Linear Technology LT3582 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LT3582/LT3582-5/LT3582-12
20
3582512f
Output Disconnect Operating Limits
The LT3582 series has a PMOS output disconnect switch
connected between CAPP and VOUTP. During normal
operation, the switch is closed and current is internally
limited to about 155mA (see Figure 9). Make sure that
the output load current doesn’t exceed the PMOS current
limit. Exceeding the current limit causes a significant
rise in PMOS power consumption which may damage
the device.
During shutdown, the PMOS switch is open and CAPP is
isolated from VOUTP up to a voltage difference of 5-5.5V.
In most cases this allows VOUTP to discharge to ground.
However, when the Boost inductor input exceeds 5.5V,
the CAPP-VOUTP voltage may exceed 5V allowing some
current flow through the PMOS switch. In addition, apply-
ing CAPP-VOUTP voltages in excess of 5.7V(typical) may
activate internal protection circuitry which turns the PMOS
“on” (see Figure 10). If the current is not limited, this can
lead to a sharp increase in the PMOS power consumption
and may damage the device. If this situation cannot be
avoided, limit PMOS power consumption to less than 1/3
Watt (about 50mA at 7V) to avoid damaging the device.
Refer to the Absolute Maximum Ratings table for maximum
limits on CAPP-VOUTP voltages and currents.
Improving Boost Converter Efficiency
The efficiency of the Boost converter can be improved by
shorting the CAPP pin to the VOUTP pin (see Figure 11). The
power loss in the PMOS disconnect circuit is then made
negligible. In most applications, the associated CAPP pin
capacitor can be removed and the larger VOUTP capacitor
can adequately filter the output voltage.
Note that the ripple voltage on VOUTP will typically in-
crease in this configuration since the output disconnect
PMOS, when not shorted, helps to create an RC filter at
the output. Also, if the VOUTP pin is shorted to CAPP,
the power-down discharge should not be enabled. VOUTP
cannot be discharged to ground during shutdown due to
the path from VIN to VOUTP through the external inductor
APPLICATIONS INFORMATION
LT3582
VIN
CAPP
CAPP
VOUTP
SDA
VPP
CA
SHDN
GND
SWN
SWN
VOUTN
3582512 F12
SCL
SWP
81
16
15
14
9
10
11
5
12
76
2
13
3
4
RAMPN
RAMPP
C1
ILOAD
Figure 10: PMOS Current vs. Voltage During Shutdown
Figure 11: Improved Efficiency
ICAPP-VOUTP
20μA/DIV
VCAPP-VOUTP 1V/DIV
3582512 F11
Figure 9: PMOS Current vs. Voltage During Normal Operation
CAPP-VOUTP (mV)
0
100
200
400
300
500
0
20
40
100
80
120
140
60
160
180
3582512 F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com