Electronic Components Datasheet Search
  English  ▼

X  

MAX9526 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9526
Description  Low-Power, High-Performance NTSC/PAL Video Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9526 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9526 Datasheet HTML 3Page - Maxim Integrated Products MAX9526 Datasheet HTML 4Page - Maxim Integrated Products MAX9526 Datasheet HTML 5Page - Maxim Integrated Products MAX9526 Datasheet HTML 6Page - Maxim Integrated Products MAX9526 Datasheet HTML 7Page - Maxim Integrated Products MAX9526 Datasheet HTML 8Page - Maxim Integrated Products MAX9526 Datasheet HTML 9Page - Maxim Integrated Products MAX9526 Datasheet HTML 10Page - Maxim Integrated Products MAX9526 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Low-Power, High-Performance
NTSC/PAL Video Decoder
_______________________________________________________________________________________
7
FULL-SCALE
CONVERSION RANGE
GAIN CODE (Reg0x0A[3:0]) (DECIMAL)
5
10
400
600
800
200
015
ANALOG INPUT
FILTER RESPONSE
FREQUENCY (MHz)
10
1
-30
-20
-10
0
-40
0.1
100
ADC EFFECTIVE NUMBER OF BITS
vs. INPUT FREQUENCY
FREQUENCY (MHz)
4
2
7.5
8.0
8.5
9.0
9.5
10.0
7.0
06
AGCGAIN = 0000
DIGITAL ANTI-ALIASING FILTER DISABLED
ADC SNR
vs. GAIN CODE
AGC GAIN CODE (REG0x0A[3:0]) (DECIMAL)
10
5
51
52
53
54
55
56
57
58
59
60
50
015
DIGITAL COMPOSITE
ANTI-ALIASING FILTER
FREQUENCY (MHz)
20
10
-70
-60
-50
-40
-30
-20
-10
0
10
-80
030
DIGITAL Y FILTER
FREQUENCY (MHz)
20
10
-70
-60
-50
-40
-30
-20
-10
0
10
-80
030
DIGITAL Cb/Cr FILTER
FREQUENCY (MHz)
68
24
-70
-60
-50
-40
-30
-20
-10
0
10
-80
010
PAL
NTSC
DIGITAL NOTCH FILTER
FREQUENCY (MHz)
68
24
-70
-60
-50
-40
-30
-20
-10
0
10
-80
0
PAL
NTSC
DECODED VIDEO OUTPUT
100% COLOR BARS (Y WAVEFORM)
TIME (µs)
40
20
200
400
600
800
1000
0
060
Typical Operating Characteristics
(VAVDD = VDVDD = +1.8V, VDVDDIO = 3.3V, VAGND = VDGND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com